Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 376LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

376LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  376LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 2
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
-25
-15
-5
5
15
25
0.25
0.5
0.75
1
1.25
1.5
1.75
2
S21
S11
S22
FREQUENCY (GHz)
HMC376LP3 / 376LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v01.0610
0
0.4
0.8
1.2
1.6
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
0.6
0.7
0.8
0.9
1
1.1
+25C
+85C
- 40C
FREQUENCY (GHz)
Output Return Loss vs. Temperature
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com