Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 376LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

376LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  376LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 1
HMC376LP3 / 376LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v01.0610
General Description
Features
Functional Diagram
The HMC376LP3 & HMC376LP3E are GaAs PHEMT
MMIC Low Noise Amplifiers that are ideal for GSM
& CDMA cellular basestation front-end receivers
operating between 700 and 1000 MHz. The amplifier
has been optimized to provide 0.7 dB noise figure,
15 dB gain and +36 dBm output IP3 from a single
supply of +5V. The HMC376LP3(E) feature an
externally adjustable supply current which allows the
designer to tailor the linearity performance of the LNA
for each application. For applications which require
improved noise figure, please see the HMC617LP3(E).
Noise Figure: 0.7 dB
Output IP3: +36 dBm
Gain: 15 dB
Externally Adjustable Supply Current
Single Positive Supply: +5V
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd = +5V, Rbias = 10 Ohms*
Typical Applications
The HMC376LP3 / HMC376LP3E is ideal for:
• Cellular/3G Infrastructure
• Base Stations & Repeaters
• CDMA, W-CDMA, & TD-SCDMA
• Private Land Mobile Radio
• GSM/GPRS & EDGE
• UHF Reallocation Applications
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
810 - 960
700 - 1000
MHz
Gain
12.5
14.5
11.5
14.5
dB
Gain Variation Over Temperature
0.005
0.01
0.005
0.01
dB / °C
Noise Figure
0.7
1.0
0.7
1.0
dB
Input Return Loss
13
14
dB
Output Return Loss
12
12
dB
Reverse Isolation
20
22
dB
Output Power for 1dB Compression (P1dB)
21.5
21
dBm
Saturated Output Power (Psat)
22
22
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
36
36
dBm
Supply Current (Idd)
73
73
mA
*Rbias resistor value sets current, see application circuit herein.


Similar Part No. - 376LP3E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
376LC5500K5PM8 ILLINOISCAPACITOR-376LC5500K5PM8 Datasheet
1Mb / 5P
High AC Voltage - High current
More results

Similar Description - 376LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com