Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 376LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

376LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  376LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 376LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 3
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
HMC376LP3 / 376LP3E
v01.0610
P1dB vs. Temperature @ Idd = 73 mA
Psat vs. Temperature @ Idd = 73 mA
Output IP3 vs. Temperature @ Idd = 73 mA
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
32
34
36
38
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
15
17
19
21
23
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Gain, Noise Figure &
Power vs. Supply Current @ 900 MHz
12
14
16
18
20
22
24
0.4
0.6
0.8
1
60
70
80
90
100
110
120
GAIN
P1dB
Noise figure
SUPPLY CURRENT (mA)
Typical Supply Current vs. Vdd
with Rbias = 10 Ohms
Vdd (Vdc)
Idd (mA)
+4.5
73.0
+5.0
73.4
+5.5
73.6
Drain Bias Voltage (Vdd)
+8.0 Vdc
RF Input Power (RFIN)(Vs = +5.0 Vdc)
+15 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 11.83 mW/°C above 85 °C)
0.769 W
Thermal Resistance
(channel to ground paddle)
84.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
Idd (mA)
Rbias (Ohms)
60
12
70
10
80
9.1
100
6.8
120
5.1
Recommended Bias Resistor Values
for Various Idd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com