Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCIF7 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCIF7
Description  50-800 MHz Internally Matched IF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCIF7 Datasheet(HTML) 1 Page - BeRex Corporation

  BCIF7 Datasheet HTML 1Page - BeRex Corporation BCIF7 Datasheet HTML 2Page - BeRex Corporation BCIF7 Datasheet HTML 3Page - BeRex Corporation BCIF7 Datasheet HTML 4Page - BeRex Corporation BCIF7 Datasheet HTML 5Page - BeRex Corporation BCIF7 Datasheet HTML 6Page - BeRex Corporation BCIF7 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BeRex
BCIF7
http: //www.berex.com
50-800 MHz Internally Matched IF Amplifier
Device Features
• 40 dBm Output IP3 at 70MHz, 14dBm/tone
• 27.0 dB Gain at 70MHz
• 21.0 dBm P1dB at 70 MHz
• Highly Reliable InGaP/GaAs HBT Technology
• Patented over voltage protection circuit
• Application: commercial wireless system
Target Device Performance (Ta = 25°C)
Symbols
Parameters Test Conditions
Min
Typ
Max
Unit
Gain
70MHz
140MHz
250MHz
500MHz
26.0
25.8
25.
24.9
27.0
26.8
26.7
25.9
dB
S11
70MHz
140MHz
250MHz
500MHz
-30.8
-32.4
-29.4
-27.8
dB
S22
70MHz
140MHz
250MHz
500MHz
-12.5
-12.5
-11.6
-8.6
dB
OIP3
70MHz
140MHz
250MHz
500MHz
39.2
38.5
41.6
39.4
41.2
40.8
43.6
41.4
dBm
P1dB
70MHz
140MHz
250MHz
500MHz
20.3
20.8
20.7
19.2
21.3
21.8
21.7
20.2
dBm
Ic
Vc = 5.0V
85
95
105
mA
Vc
5.0
V
dG/dT
-0.003
°C
Rth
Thermal Resistance
50
°C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25
°C, 50 ohm system.
2.
OIP3 is measured on an eval-board with two tones separated by 1 MHz.
Absolute Maximum Ratings
Parameter
Rating
Operating Case temperature
-40 to +85
°C
Storage Temperature
-40 to +155
°C
Supply Voltage
6.0V
Max. Device Current
160mA
Input RF Power
23dBm
Operation of this device above any of these parameters may result in permanent damage.


Similar Part No. - BCIF7

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
BCI84L MICRO-ELECTRONICS-BCI84L Datasheet
154Kb / 2P
COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results

Similar Description - BCIF7

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF1 BEREX-BIF1 Datasheet
457Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
451Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
762Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
775Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com