Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCIF7 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCIF7
Description  50-800 MHz Internally Matched IF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCIF7 Datasheet(HTML) 4 Page - BeRex Corporation

  BCIF7 Datasheet HTML 1Page - BeRex Corporation BCIF7 Datasheet HTML 2Page - BeRex Corporation BCIF7 Datasheet HTML 3Page - BeRex Corporation BCIF7 Datasheet HTML 4Page - BeRex Corporation BCIF7 Datasheet HTML 5Page - BeRex Corporation BCIF7 Datasheet HTML 6Page - BeRex Corporation BCIF7 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BeRex
BCIF7
http: //www.berex.com
S-parameters (Vc=5V, Ic=95mA, T=25
°C)
RF Bandwidth Application
Device Performance
P1dB-Gain
P1
Gain



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com