Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCIF7 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BCIF7
Description  50-800 MHz Internally Matched IF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCIF7 Datasheet(HTML) 5 Page - BeRex Corporation

  BCIF7 Datasheet HTML 1Page - BeRex Corporation BCIF7 Datasheet HTML 2Page - BeRex Corporation BCIF7 Datasheet HTML 3Page - BeRex Corporation BCIF7 Datasheet HTML 4Page - BeRex Corporation BCIF7 Datasheet HTML 5Page - BeRex Corporation BCIF7 Datasheet HTML 6Page - BeRex Corporation BCIF7 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BeRex
BCIF7
http: //www.berex.com
OIP3
S-Parameter
IF Bandwidth Application (Vc=5V, Ic=95mA, T=25
°C)
Freq
[MHz]
S11
[dB]
S11
[Ang]
S21
[dB]
S21
[Ang]
S12
[dB]
S12
[Ang]
S22
[dB]
S22
[Ang]
50
-28.586
-106.642
27.021
176.006
-32.384
2.863
-12.028
22.476
150
-32.368
153.226
26.801
156.233
-31.914
-7.256
-12.467
-21.072
250
-29.436
103.952
26.672
135.931
-32.394
-13.069
-11.622
-41.718
350
-30.806
74.122
26.319
119.315
-30.952
-23.766
-10.324
-58.0256
450
-28025
57.612
26.102
102.363
-31.721
-36.896
-9.144
-72.792
550
-27.358
39.511
25.497
850.096
-31.882
-41.929
-8.246
-.58.005
650
-26.156
34.536
25.184
69.233
-31.562
-51.528
-7.420
-94.494
750
-28.741
16.783
24.699
56.366
-30.987
-55.955
-6.775
102.541
850
-28.388
26.499
23.915
36.370
-30.922
-65.779
-6.329
-113.462
* Note : S-parameter includes 1 mil thick and 16-mil long Au wire



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com