Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCIF7 Datasheet(PDF) 6 Page - BeRex Corporation

Part # BCIF7
Description  50-800 MHz Internally Matched IF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCIF7 Datasheet(HTML) 6 Page - BeRex Corporation

  BCIF7 Datasheet HTML 1Page - BeRex Corporation BCIF7 Datasheet HTML 2Page - BeRex Corporation BCIF7 Datasheet HTML 3Page - BeRex Corporation BCIF7 Datasheet HTML 4Page - BeRex Corporation BCIF7 Datasheet HTML 5Page - BeRex Corporation BCIF7 Datasheet HTML 6Page - BeRex Corporation BCIF7 Datasheet HTML 7Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BeRex
BCIF7
http: //www.berex.com
RF Bandwidth Application (Vc=5V, Ic=95mA, T=25
°C)
Freq
[MHz]
S11
[dB]
S11
[Ang]
S21
[dB]
S21
[Ang]
S12
[dB]
S12
[Ang]
S22
[dB]
S22
[Ang]
500
-9.933
-62.036
26.655
140.862
-32.054
5.690
-6.741
95.975
600
-11.592
-69.083
27.012
114.561
-30.891
-10.142
-10.421
66.190
700
-12.970
-75.467
26.862
90.690
-30.452
-21.447
-14.326
28.112
800
-13.821
-81.199
26.486
70.988
-31.196
-39.664
-16.186
-31.310
900
-14.577
-89.643
26.003
51.737
-30.634
-47.501
-14.438
-74.036
1000
-15.849
-105.713
25.350
31.493
-29.676
-65.002
-11.274
-101.616
1100
-16.947
-116.273
25.174
17.566
-29.279
-73.650
-9.931
-115.456
1200
-18.847
-127.822
24.486
3.151
-29.542
-89.241
-8.173
-139.546
1300
-19.853
-145.186
23.909
-13.503
-29.542
-89.241
-8.173
-139.546
1400
-20.891
-168.828
23.719
-27.530
-28.848
-96.767
-7.982
-149.506
1500
-22.903
162.772
23.175
-42.466
-28.517
-107.766
-7.466
-156.464
* Note : S-parameter includes 1 mil thick and 16-mil long Au wire
Die Outline
NOTES:
1) DIE THICKNESS 100um
2) BONDPAD METAL
THICKNESS 2.8um
3) BACKSIDE METAL Au, 5um
4) DEVICE IS GROUNDED
THROUGH VIA HOLES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com