Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC667LP2 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC667LP2
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC667LP2 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC667LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Output Power, Gain & PAE @ 2500 MHz [1]
HMC667LP2 / 667LP2E
v02.1110
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.7 GHz
Output Power, Gain & PAE @ 2500 MHz [2]
Output Power, Gain & PAE @ 2300 MHz [1]
Output Power, Gain & PAE @ 2300 MHz [2]
[1] Vdd = 5V
[2] Vdd = 3V
-10
-5
0
5
10
15
20
25
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
25
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
25
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-10
-5
0
5
10
15
20
25
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
P1dB, Gain, & Noise Figure
vs. Supply Voltage @ 2300 MHz
P1dB, Gain, & Noise Figure
vs. Supply Voltage @ 2500 MHz
8
10
12
14
16
18
20
22
24
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
P1dB
Gain
NF
Voltage Supply (V)
8
10
12
14
16
18
20
22
24
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
P1dB
Gain
NF
Voltage Supply (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com