Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC667LP2 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC667LP2
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC667LP2 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC667LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC667LP2 / 667LP2E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.7 GHz
v02.1110
General Description
Features
Functional Diagram
Typical Applications
The HMC667LP2(E) is ideal for:
• WiMAX, WiBro & Fixed Wireless
• SDARS & WLAN Receivers
• Infrastructure & Repeaters
• Access Points
• Telematics & DMB
Electrical Specifications, T
A = +25° C
Parameter
Vdd = +3 Vdc
Vdd = +5 Vdc
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
2300 - 2700
2300 - 2700
MHz
Gain
14
17.5
16
19
dB
Gain Variation Over Temperature
0.01
0.01
dB/ °C
Noise Figure
0.9
1.2
0.75
1.1
dB
Input Return Loss
10
12
dB
Output Return Loss
15
14
dB
Output Power for 1 dB
Compression (P1dB)
9.5
11.5
13.5
16.5
dBm
Saturated Output Power (Psat)
12.5
17
dBm
Output Third Order Intercept (IP3)
22
29.5
dBm
Supply Current (Idd)
24
32
59
75
mA
The HMC667LP2(E) is a GaAs PHEMT MMIC Low
Noise Amplifier that is ideal for WiMAX, WLAN and
fixed wireless receivers operating between 2300
and 2700 MHz. This self-biased LNA has been
optimized to provide 0.75 dB noise figure, 19 dB
gain and +29.5 dBm output IP3 from a single supply
of +5V. Input and output return losses are excellent
and the LNA requires minimal external matching and
bias decoupling components. The HMC667LP2(E)
can also operate from a +3V supply for lower power
applications.
Low Noise Figure: 0.75 dB
High Gain: 19 dB
High Output IP3: +29.5 dBm
Single Supply: +3V to +5V
6 Lead 2x2mm DFN Package: 4 mm2


Similar Part No. - HMC667LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
HMC661LC4B AD-HMC661LC4B Datasheet
875Kb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz
v03.0615
More results

Similar Description - HMC667LP2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
2.3-2.7 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com