Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC667LP2 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC667LP2
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC667LP2 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC667LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+6 Vdc
RF Input Power (RFIN)
+10 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 5.88 mW/°C above 85 °C)
0.38 W
Thermal Resistance
(Channel to Ground Paddle)
170 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC667LP2 / 667LP2E
v02.1110
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.7 GHz
Noise Figure vs. Vdd w/ SDARS Tune [2]
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.25
2.3
2.35
2.4
2.45
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
Gain & Return Loss w/ SDARS Tune [1]
-25
-20
-15
-10
-5
0
5
10
15
20
25
2.25
2.3
2.35
2.4
2.45
S11
S22
S21
FREQUENCY (GHz)
[1] Vdd = 5V
[2] Measurement reference plane shown on evaluation PCB drawing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com