Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC667LP2 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC667LP2
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC667LP2 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC667LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC667LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
Psat vs. Temperature
HMC667LP2 / 667LP2E
v02.1110
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.7 GHz
Output IP3 and Idd vs.
Supply Voltage @ 2300 MHz
[1] Measurement reference plane shown on evaluation PCB drawing.
Output IP3 vs. Temperature
Noise Figure vs. Temperature [1]
Output IP3 and Idd vs.
Supply Voltage @ 2500 MHz
16
18
20
22
24
26
28
30
32
34
36
16
22
28
34
40
46
52
58
64
70
76
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Voltage Supply (V)
16
18
20
22
24
26
28
30
32
34
36
16
22
28
34
40
46
52
58
64
70
76
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Voltage Supply (V)
16
18
20
22
24
26
28
30
32
34
36
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
6
8
10
12
14
16
18
20
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25C
-40C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com