Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9068 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation GS9068 Datasheet HTML 9Page - Gennum Corporation GS9068 Datasheet HTML 10Page - Gennum Corporation GS9068 Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
9 of 11
4. Application Reference Design
4.1 PCB Layout
An FR-4 dielectric can be used, however, controlled-impedance transmission lines are required
for PCB traces longer than approximately 1cm. Note the following PCB artwork features used to
optimize performance:
• The PCB groundplane is removed under the GS9068 output components to minimize
parasitic capacitance
• The PCB ground plane is removed under the GS9068 RSET pin and resistor to minimize
parasitic capacitance
• Input and output BNC connectors are surface-mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high-speed traces, which are
curved to minimize impedance variations due to change of PCB trace width
4.2 Typical Application Circuit
Figure 4-1: Typical Application Circuit
5. References
Compliant with SMPTE 259M and SMPTE 344M.
GS9068
1
2
3
4
8
7
6
5
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
10n
75
5.6n*
4µ7
BNC
VCC
75
5.6n*
10n
75
4µ7
49.9
750
10n
49.9
4µ7
75
BNC
VCC
4µ7
VCC
*typical value, varies with layout
Differential
Data Input
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com