Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9068 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 3 Page - Gennum Corporation

  GS9068 Datasheet HTML 1Page - Gennum Corporation GS9068 Datasheet HTML 2Page - Gennum Corporation GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation GS9068 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
3 of 11
1. Pin Out
1.1 Pin Assignment
Figure 1-1: Pin Assignment
1.2 Pin Descriptions
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
1
2
3
4
8
7
6
5
GS9068
8-pin SOIC
(top view)
Pin
Number
Name
Type
Description
1, 2
SDI, SDI
Input
Serial digital differential input.
3VEE
Input
Power
Most negative power supply connection - connect to GND.
4RSET
Input
External output amplitude control resistor.
5VCC
Input
Power
Most positive power supply connection - connect to +3.3V.
6
NC
—No Connect.
7, 8
SDO, SDO
Output
Serial digital differential output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com