Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9068 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation GS9068 Datasheet HTML 9Page - Gennum Corporation GS9068 Datasheet HTML 10Page - Gennum Corporation GS9068 Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
10 of 11
6. Package and Ordering Information
6.1 Package Dimensions
Figure 6-1: Package Dimensions
6.2 Ordering Information
7. Revision History
0.010
q2
L
DETAIL “A”
C
0.015 ±0.004 x 45°
DETAIL “A”
q1
B
A
A1
E
X
D
e
Pin 1
ID Mark
Gauge Plane
Seating Plane
NOTES:
1. All dimensions in inches unless otherwise stated.
2. Lead coplanarity should be 0 to 0.004” max.
3. Package surface finishing: VDI 24~27 (dual).
Package surface finishing: VDI 13~15 (16L SOIC[NB] matrix).
4. All dimensions exclude mold flashes.
5. The lead width (B) to be determined at 0.0075”
from the lead tip.
8 SOIC
Min.
Max.
A
A1
B
D
E
H
e
C
L
X
q2
q1
0.054
0.068
0.004
0.0098
0.014
0.019
0.189
0.196
0.157
0.244
0.229
0.150
0.050 BSC
0.0075
0.0098
0.016
0.034
0.0215 REF
0°
8°
7° BSC
Part Number
Package
Temperature Range
Pb-free and Green
GS9068-CKAE3
8 pin SOIC
0°C to 70°C
Yes
GS9068-CTAE3
8 pin SOIC Tape
0°C to 70°C
Yes
Version
ECR
PCN
Date
Changes And/or Modifications
A
120608
–
July 2002
New document.
B
125775
–
July 2002
Added detailed block descriptions and initial applications
information.
0
127024
–
December 2002
Document upgraded to Preliminary Data Sheet and AC/DC
Characteristics edited to match current design specification limits.
1
128544
–
March 2003
Document upgraded to Data Sheet.
2
133977
–
June 2004
Added lead-free and green information.
3
139114
38124
January 2006Corrected Input Differential Swing to 2200mV.
4
154753
–
August 2010
Corrected Package Dimensions and Ordering Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com