Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9068 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9068 Datasheet HTML 1Page - Gennum Corporation GS9068 Datasheet HTML 2Page - Gennum Corporation GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation GS9068 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
GS9068 SD SDI Cable Driver
www.gennum.com
Key Features
• SMPTE 259M and SMPTE 344M compliant
• Dual coaxial cable driving outputs
•50Ω differential PECL input
• Single 3.3V power supply operation
•Space-saving 8-lead SOIC
• Operating temperature range: 0°C to 70°C
• Pin compatible with GS1528 HD-LINX® II multirate SDI
dual slew-rate cable driver
• Pb-free and Green
Applications
• SMPTE 259M Coaxial Cable Serial Digital Interfaces
Description
The GS9068 is a second generation high-speed bipolar
integrated circuit designed to drive one or two 75Ω co-axial
cables at data rates up to 540Mb/s.
The GS9068 accepts a LVPECL level differential input,
which may be AC-coupled. External biasing resistors at the
inputs are not required.
Power consumption is typically 160mW using a +3.3V DC
power supply.
GS9068 Functional Block Diagram
SDO
RSET
SDO
SDI
SDI
Bandgap Reference & Biasing Circuit
Input
Differential
Pair
Output
Stage
& Control


Similar Part No. - GS9068

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
113Kb / 8P
SD SDI Cable Driver
GS9068-CKA GENNUM-GS9068-CKA Datasheet
113Kb / 8P
SD SDI Cable Driver
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
113Kb / 8P
SD SDI Cable Driver
GS9068-CTA GENNUM-GS9068-CTA Datasheet
113Kb / 8P
SD SDI Cable Driver
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
113Kb / 8P
SD SDI Cable Driver
More results

Similar Description - GS9068

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
113Kb / 8P
SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
3Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
SD-SDI Broadcast Video Co-axial Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com