Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3085 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # MSL3085
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button MSL3085 Datasheet HTML 12Page - ATMEL Corporation MSL3085 Datasheet HTML 13Page - ATMEL Corporation MSL3085 Datasheet HTML 14Page - ATMEL Corporation MSL3085 Datasheet HTML 15Page - ATMEL Corporation MSL3085 Datasheet HTML 16Page - ATMEL Corporation MSL3085 Datasheet HTML 17Page - ATMEL Corporation MSL3085 Datasheet HTML 18Page - ATMEL Corporation MSL3085 Datasheet HTML 19Page - ATMEL Corporation MSL3085 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Atmel LED Driver-MSL3085
REGISTER NAME
AND ADDRESS
POWER-UP CONDITION
REGISTERS INITIALIZED FROM EEPROM
REGISTER DATA
D7
D6
D5 D4 D3 D2 D1
D0 HEX
0x00
STRINGEN0
LED strings 0, 2, 4, 6, 9, 11, 12, and 14 enabled
0
1
0
1
0
1
0
1
55
0x01
STRINGEN1
0
1
0
1
1
0
1
0
5A
0x02
CONFIG
String short circuit confirmation delay = 256µs
String current fold-back enabled
Device awake
0
0
0
0
1
1
0
1
0D
0x03
FLTEN
FBO open circuit fault detect globally enabled
String open circuit fault detect globally enabled
LED short circuit fault detect globally enabled
GSC max fault detect globally disabled
PHI max fault detect globally disabled
I2C timeout enabled
0
0
1
0
0
1
1
1
27
0x04
STRFLTEN0 Fault detection individually enabled
For all strings (0, 2, 4, 6, 9, 11, 12, and 14)
0
1
0
1
0
1
0
1
55
0x05
STRFLTEN1
0
1
0
1
1
0
1
0
5A
0x0F
OSCFREQ
f
osc = 20MHz
0
0
0
0
0
1
0
0
04
0x10
FBOCTRL0
Current sink error confirmation delay = 2µs
FBO power supply correction delay = 4ms
Efficiency Optimizer auto-recalibration delay = 1s
Efficiency Optimizer headroom steps = 3
MOSFET current sink error detection enabled
Efficiency Optimizer auto-recalibration enabled
PWM settings used during auto-recalibration
PWM settings used during initial calibration
Efficiency Optimizer correction step size = 1 LSB (1µA)
Efficiency Optimizer initial calibration step size = 1 LSB
(1µA)
FBO outputs globally enabled
FBO1 open circuit detection enabled
FBO2 open circuit detection disabled
0
1
0
0
1
0
0
1
49
0x11
FBOCTRL1
0
0
0
1
1
0
1
0
1A
0x12
FBOCTRL2
0
0
0
0
0
0
1
1
03
0x20
GSCCTRL
External signal at GSC is selected for input to the PWM
engine
GSC not internally synchronized to PHI
PWM drive synchronized to falling edge of external GSC
signal
GSC maximum count fault detect is disabled
although disabled, GSC max fault monitors fpGSC
0
0
0
0
0
0
0
0
00
0x21
GSCCNTR
Although disabled, internal GSC
Frequency f
GGEN = 20MHz / (80 + 1) = 246kHz
0
1
0
1
0
0
0
0
50
0x22
0
0
0
0
0
0
0
0
00
0x23
GSCMUL
GSC multiplexer output is multiplied by 4
(register setting + 1)
0
0
0
0
0
0
1
1
03
0x24
GSCDIV
GSC multiplier output is divided by 1 (register setting + 1)
0
0
0
0
0
0
0
0
00
0x25
GSCMAX
Although disabled, GSC max count is set to 174 clock
cycles
1
0
1
0
1
1
1
0
AE
0x26
0
0
0
0
0
0
0
0
00
0x27
PHICTRL
External signal at PHI selected for input to PWM engine
PWM engine is synchronized to the falling edge of PHI
PHI maximum count fault detect is disabled
Although disabled, PHI max count monitors f
pPHI
0
0
0
0
0
0
0
0
00
Register Power-up Defaults
Register power-up default values are shown in Table 3.
Table 3. Atmel LED Driver-MSL3085 Register Power-up Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com