Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3085 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MSL3085
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MSL3085 Datasheet HTML 2Page - ATMEL Corporation MSL3085 Datasheet HTML 3Page - ATMEL Corporation MSL3085 Datasheet HTML 4Page - ATMEL Corporation MSL3085 Datasheet HTML 5Page - ATMEL Corporation MSL3085 Datasheet HTML 6Page - ATMEL Corporation MSL3085 Datasheet HTML 7Page - ATMEL Corporation MSL3085 Datasheet HTML 8Page - ATMEL Corporation MSL3085 Datasheet HTML 9Page - ATMEL Corporation MSL3085 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Atmel LED Driver-MSL3085
Pin Descriptions
NOTE: To ensure register compatibility with the 16-string device of the same family (Atmel LED Driver-MSL2161), pin names for gate,
drain and source connections are not sequential.
PIN
PIN
NAME
PIN DESCRIPTION
1
G4
Gate output 4
Gate drive output for external MOSFET 4. Connect G4 to the gate of the external MOSFET driving LED string 4.
2
D4
Drain sense input 4
Drain sense input for external MOSFET 4. Connect D4 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 4.
3
S6
Source sense input 6
Source sense input for external MOSFET 6. Connect S6 to the source of the external MOSFET, and to the current sense
resistor for LED string 6. The full-scale LED current is reached when 500mV is across the current sense resistor.
4
G6
Gate output 6
Gate drive output for external MOSFET 6. Connect G6 to the gate of the external MOSFET driving LED string 6.
5
D6
Drain sense input 6
Drain sense input for external MOSFET 6. Connect D6 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 6.
6
NC
No connection
Make no connection to NC.
7
SDA
I²C serial data I/O
SDA is the data I/O for the I²C serial interface.
8
SCL
I²C serial clock input
SCL is the clock input for the I²C serial interface.
9
GND
Ground
Connect GND to system ground and to EP with short, wide traces.
10
FLTB
Fault indication output (active low)
Open drain output FLTB sinks current to GND whenever a fault is detected and verified.
FLTB remains low until the fault registers are read, and reasserts if the fault persists.
11
ADDR
Slave ID selection inputs
Connect ADDR to a resistor to GND to set the device address for the serial interface.
12
FBO2
Efficiency Optimizer output 2
Connect FBO2 to the second power supply’s feedback node. If unused, leave FBO2 unconnected.
13
FBI1
Efficiency Optimizer input 1
Connect FBI1 to FBO1 of the next device, when chaining the Efficiency Optimizers
Connect FBI1 to GND if unused.
14
FBO1
Efficiency Optimizer output 1
Connect FBO1 to the first power supply’s feedback node. If unused, leave FBO1 unconnected.
15
S9
Source sense input 9
Source sense input for external MOSFET 9. Connect S9 to the source of the external MOSFET, and to the current sense
resistor for LED string 9. The full-scale LED current is reached when 500mV is across the current sense resistor.
16
G9
Gate output 9
Gate drive output for external MOSFET 9. Connect G9 to the gate of the external MOSFET driving LED string 9.
17
D9
Drain sense input 9
Drain sense input for external MOSFET 9. Connect D9 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 9.
18
S11
Source sense input 11
Source sense input for external MOSFET 11. Connect S11 to the source of the external MOSFET, and to the current
sense resistor for LED string 11. The full-scale LED current is reached when 500mV is across the current sense resistor.
19
G11
Gate output 11
Gate drive output for external MOSFET 11. Connect G11 to the gate of the external MOSFET driving LED string 11.
20
D11
Drain sense input 11
Drain sense input for external MOSFET 11. Connect D11 through a 10MΩ resistor to the drain of the external MOSFET
driving LED string 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com