Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3085 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSL3085
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085 Datasheet(HTML) 4 Page - ATMEL Corporation

  MSL3085 Datasheet HTML 1Page - ATMEL Corporation MSL3085 Datasheet HTML 2Page - ATMEL Corporation MSL3085 Datasheet HTML 3Page - ATMEL Corporation MSL3085 Datasheet HTML 4Page - ATMEL Corporation MSL3085 Datasheet HTML 5Page - ATMEL Corporation MSL3085 Datasheet HTML 6Page - ATMEL Corporation MSL3085 Datasheet HTML 7Page - ATMEL Corporation MSL3085 Datasheet HTML 8Page - ATMEL Corporation MSL3085 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Atmel LED Driver-MSL3085
Atmel LED Driver
MSL3085 Overview
The MSL3085 controls eight strings of series-connected
LEDs at up to 350mA per string. Eight MSL3085s can
share a serial interface. The MSL3085 FET gate drive
output is optimized for FETs requiring no more than
10nC of charge. The MSL3085 PWM engine generates
the PWM signal that drives the strings, or optionally
accepts an external PWM signal.
LED Power Supplies and Efficiency Optimizers
The MSL3085 features two efficiency optimizer outputs
that dynamically adjust the LED string power supplies
to their minimum voltage necessary to drive the LED
strings, while assuring accurate LED current flow. One of
the efficiency optimizers features an input that allows up
to eight devices to be connected in a chain configuration.
When implemented, the chain automatically negotiates,
controls, and optimizes the string power supply for all LED
strings driven by the chain.
The power supplies can use any topology, and are
typically DC-DC boost converters. The efficiency
optimizers rely on close matching of the LEDs
connected to a string supply. The better the matching,
the better the overall efficiency.
Timing, PWM, Intensity Controls
and Synchronization
The PWM LED drive signals synchronize to video frame
timing via the PHI input, and to pixel timing via the GSC
input. Area LED dimming is supported for contrast and
color gamut improvement. With area dimming, motion
blur is reduced by setting each LED string’s PWM
phasing to synchronize string off times with the LCD
update timing. The MSL3085 also includes internal
PWM timing generation for standalone (non-video)
LED lighting applications. Table 1 presents the available
methods of LED intensity control.
Table 1. LED Intensity Controls
LED INTENSITY CONTROL
EFFECT
REGISTER
RESOLUTION
Global LED string current
adjust
Reduces string current globally
from maximum set by FET
source resistors
ISTR (0x31)
8 bits
Global LED string PWM
Global PWM scaling
GINT (0x2F)
and ALTGINT (0x30)
8 bits
Individual LED string PWM
PWM individual string control
PWMn (0x60 thru 0x7D)
and
ALTPWMn (0xA0 thru 0xBD)
12 bits
External resistor from FET
source to ground
Sets maximum individual
string current
-
-
External PWM input
Optionally controls all string
PWM drives
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com