Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3085 Datasheet (PDF) - ATMEL Corporation

MSL3085 Datasheet PDF - ATMEL Corporation
Part # MSL3085
Download  MSL3085 Download
File Size   1942.55 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface

MSL3085 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSL3085 Datasheet PDF - ATMEL Corporation

Part # MSL3085
Download  MSL3085 Click to download

File Size   1942.55 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface

MSL3085 Datasheet (HTML) - ATMEL Corporation


MSL3085 Product details

General Description
The Atmel LED Driver MSL3085 compact, high power 8 LED strings controller uses external MOSFETs to sink up to 350mA per string, with current accuracy and matching better than ±1.5%. The MSL3085 drives eight parallel strings of LEDs, and offers fault detection and management of open and short circuit LEDs.

Key Features
• 12-bit PWM String Dimming
• Fast, 1MHz I2C Serial Interface Supports up to Eight Devices per Bus
• 8-bit Adaptive Power Correction Maximizes Efficiency of up to Two String Power Supplies
• Multiple MSL3085s Share String Power Supplies and Automatically Negotiate the Optimum Supply Voltage
• External MOSFETs for high Voltage and/or Current
• Drives up to Eight Parallel LED Strings
• Supports Adaptive, Real-time Area Dimming for Highest Dynamic Range in LCD TVs and Monitors
• Programmable String Phase Reduces Motion Blur and Improves Efficiency
• Global Intensity Control via Serial Interface
• ±1.5% Current Accuracy and Current Balance
• Video Frame (VSYNC) and Line (HSYNC) Sync Inputs
• Sync Loss Detectors Optionally Disable LED Strings
• EEPROM Saves Power-on Default Settings
• LED Open Circuit and Short Circuit Fault Detection
• Individual Fault Detection Enable for Each String
• Over-temperature Shut-Off Protection
• Broadcast Write Simplifies Configuration
• -40°C To +105°C Operating Temperature Range

Applications
   Long Life, Efficient LED Backlighting for:
      • Televisions and Desktop Monitors
      • Medical and Industrial Instrumentation
      • Automotive Audio-visual Displays
   Channel Signs
   Architectural Lighting




Similar Part No. - MSL3085

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3082 ATMEL-MSL3082 Datasheet
2Mb / 16P
8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
More results


Similar Description - MSL3085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
MSL3163BT ATMEL-MSL3163BT Datasheet
2Mb / 20P
16-string White & RGB LED Drivers with Adaptive Power Control, E짼PROM, and SPI/I짼C/SMBus Serial Interface
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com