Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet (PDF) - ATMEL Corporation

MSL3082CS Datasheet PDF - ATMEL Corporation
Part # MSL3082CS
Download  MSL3082CS Download
File Size   2222.97 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting

MSL3082CS Datasheet (PDF)

Go To PDF Page Download Datasheet
MSL3082CS Datasheet PDF - ATMEL Corporation

Part # MSL3082CS
Download  MSL3082CS Click to download

File Size   2222.97 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting

MSL3082CS Datasheet (HTML) - ATMEL Corporation


MSL3082CS Product details

General Description
The Atmel® LED Driver MSL3082 compact, high power LED string driver uses external MOSFETs to provide up to at least 500mA per string, with current accuracy and matching better than ±1%. The MSL3082 drives eight parallel strings of LEDs, and offers fault detection and management of open and short circuit LEDs.

Key Features
• 8-bit PWM String Dimming
• Fast, 1MHz I2C/Smbus Interface Supports up to 16 Devices per Bus
• 4-bit Adaptive Power Correction Maximizes Efficiency
• External Mosfets Allow >0.5a LED String Current
• Drives up to Eight Parallel, High-power Led Strings
• Multiple MSL3082s Share String Supply and Automatically Negotiate Optimum Voltage
• Supports Adaptive, Real-time 2-D Area Dimming for Highest Dynamic Range LCD TVs and Monitors
• Programmable String Phase Virtually Eliminates Motion Blur and Improves Efficiency
• Global LED Intensity Control via Serial Interface
• Supports Direct Pwm Control of all Led Strings with a Single Pwm Input Signal
• ±1% Current Accuracy and Current Balance
• Video Frame (Vsync) and Line (Hsync) Sync Inputs
• Sync Loss Detectors Optionally Disable Led Strings
• Internal Eeprom Allows Custom Power-up Default Settings
• String Open Circuit and Led Short Circuit Fault Detection
• <1µA LED String Off-leakage Current
• External Resistors Set Individual String Peak Current
• Programmable LED Over-temperature Compensation
• Automatic Die Over-temperature Protection
• I2C/SMBus Broadcast Mode Simplifies Configuration
• -40°C to +105°C Operating Temperature Range
• Lead-free, Halogen-free, RoHS-compliant Package

Applications
• Edge-lit LED Backlit TVs
• High-contrast Monitors
• Medical and Industrial Displays
• High-power LED Arrays
• Multi-string LED Lighting
• Intelligent Solid-state Lighting (SSL)




Similar Part No. - MSL3082CS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3085 ATMEL-MSL3085 Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
More results


Similar Description - MSL3082CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
ATMEL Corporation
MSL2100BR ATMEL-MSL2100BR Datasheet
3Mb / 20P
8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com