Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 8 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button MSL3082CS Datasheet HTML 4Page - ATMEL Corporation MSL3082CS Datasheet HTML 5Page - ATMEL Corporation MSL3082CS Datasheet HTML 6Page - ATMEL Corporation MSL3082CS Datasheet HTML 7Page - ATMEL Corporation MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation MSL3082CS Datasheet HTML 10Page - ATMEL Corporation MSL3082CS Datasheet HTML 11Page - ATMEL Corporation MSL3082CS Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Atmel LED Driver-MSL3082
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
Input quiescent current EN
1
20
μA
SDA, FLTB output low voltage
Sinking 6mA
0.4
V
S0 thru S7 regulation resolution
1
% of
Full
Scale
Open circuit detect voltage
7.3
8.3
9.0
V
Short circuit detect voltage
6.5
7.8
9.0
V
D0 thru D7 leakage current
Voltage under 9V
0.1
μA
Voltage between 9V to 16V
15
G0 thru G7 maximum gate drive voltage
10
V
G0 thru G7 gate drive current
-20
20
mA
Current sense regulation voltage
ISTRx = 0x3F
488
500
508
mV
ISTRx = 0x1F
235
250
255
mV
G0 thru G7 output current slew rate
Current rising (Note 7, Note 8)
10
mA/µs
Current falling (Note 7, Note 8)
10
Thermal cutoff temperature
135
°C
FBI to FBO current transfer error
Up to FBO maximum output current
±2
%
FBO current step size
3
μA
FBO feedback output current maximum
V
FBO_= 0 to 1.8V
35
45
55
μA
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
AC ELECTRICAL CHARACTERISTICS
OSC initial accuracy
f
OSC
OSCCTRL = 0x04 (f
OSC=20MHz); TA=25°C
18
20
22
MHz
PHI frequency
f
PHI
(Note 7)
40
10000
Hz
GSC frequency
f
GSC
(Note 7)
5
MHz
PWM frequency
f
PWM
PWMDIRECT = PWMEN = 1
20
50000
Hz
PWM duty cycle
PWMDIRECT = PWMEN = 1
0
100
%
PHI DLL Lock Cycles
4
PHI
Cycles
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
I²C SWITCHING CHARACTERISTICS
SCL clock frequency
1/t
SCL
Bus timeout disabled (Note 1)
0
1000
kHz
Bus timeout period
t
TIMEOUT
OSCCTRL = 0x04 (f
OSC=20MHz); TA=25°C
27
30
33
ms
STOP to START condition bus free time
t
BUF
0.5
µs
Repeated START condition hold time
t
HD:STA
0.26
µs
Repeated START condition set-up time
t
SU:STA
0.26
µs
STOP condition set-up time
t
SU:ST OP
0.26
µs
SDA data hold time
t
HD:DAT
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com