Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 4 Page - ATMEL Corporation

  MSL3082CS Datasheet HTML 1Page - ATMEL Corporation MSL3082CS Datasheet HTML 2Page - ATMEL Corporation MSL3082CS Datasheet HTML 3Page - ATMEL Corporation MSL3082CS Datasheet HTML 4Page - ATMEL Corporation MSL3082CS Datasheet HTML 5Page - ATMEL Corporation MSL3082CS Datasheet HTML 6Page - ATMEL Corporation MSL3082CS Datasheet HTML 7Page - ATMEL Corporation MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Atmel LED Driver-MSL3082
Quick Start Guide
The MSL3082 controls eight strings of series-connected
LEDs at up to at least 500mA per string, and up to
sixteen devices may share the serial interface. The
MSL3082 FET gate drive output is optimized for FETs
requiring no more than 10nC of charge. The MSL3082
PWM engine generates the PWM signal that drives the
strings, or optionally accepts an external PWM signal.
How Many LEDs and Drivers?
The MSL3082 drives eight strings of series-connected
LEDs using external N-channel MOSFETs and current
sense resistors. The LED drive capability (maximum
number of LEDs per string) is limited only by the
MOSFETs and the LED string power supply, not by
the MSL3082. Up to 16 MSL3082s may share an I2C/
SMBus serial interface, with both individual and broadcast
(all MSL3082s on a bus) addressing. The high LED drive
power of the MSL3082 makes it suitable for large LCD
TV and monitor backlights, as well as for LED signage
and general lighting.
LEDs, the String Power Supply, and
the Efficiency Optimizer
The MSL3082 features an Efficiency Optimizer output
that dynamically adjusts the LED string power supply to
the minimum voltage necessary to drive the LED strings,
minimizing power use while assuring accurate LED
current flow. The Efficiency Optimizers features an input
that allows up to eight devices to be connected in a chain
configuration. When implemented, the chain automatically
negotiates, controls, and optimizes the string power
supply for all LED strings driven by the chain.
The power supply can use any topology that employs
external feedback resistors with a maximum feedback
voltage of 1.5V, and are typically DC-DC boost
converters. The efficiency optimizers rely on close
matching of the LEDs connected to a string supply; the
better the matching, the better the overall efficiency.
Differences between Atmel LED
Drivers-MSL3082 and MSL2100
The MSL3082 includes a single Efficiency Optimizer,
is more suited for single-color LEDs, and is ideal for
driving white backlight LEDs in an LCD monitor or TV
application. The MSL2100 includes three independent
Efficiency Optimizer circuits to control three separate
string supplies (for RGB LEDs, for example).
Timing, PWM, Intensity Controls,
and Synchronization
The PWM LED drive signals synchronize to video frame
timing via the PHI input, and to pixel timing via the
GSC input. Suitability for LED backlight architectures is
shown in Table 1 and Table 2. Area LED dimming for
direct backlighting is supported for contrast and color
gamut improvement. With area dimming, motion blur is
reduced by setting each LED string’s PWM phasing to
synchronize string off times with the LCD update timing.
Also, the individual PWM intensity registers for eight
LED strings are updated with only 92 I2C/SMBus clocks.
Sixteen drivers (128 LED strings) update in 1.47ms
with a 1MHz bus speed, offering area dimming support
for frame rates up to 640Hz.
BACKLIGHT TYPE
STRING SUPPLY OPTIONS
MOTION BLUR REMOVAL
LED ZONE MANAGEMENT
White LED - bottom edge-lit
1 or more MSL3082 per
efficiency optimized supply
No
No
White LED - top/bottom edge-lit
No
No
White LED - four sides edge-lit
No
No
White LED - direct back-lit
Yes - LED strip phasing
Higher contrast ratio
(area dimming)
RGB LED - direct back-lit
See MSL2100 datasheet
Yes - LED strip phasing
Higher contrast ratio and
color gamut
Table 1. Atmel LED Driver-MSL3082 LED Common Backlight Drive Architectures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com