Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 15 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation MSL3082CS Datasheet HTML 10Page - ATMEL Corporation MSL3082CS Datasheet HTML 11Page - ATMEL Corporation MSL3082CS Datasheet HTML 12Page - ATMEL Corporation MSL3082CS Datasheet HTML 13Page - ATMEL Corporation MSL3082CS Datasheet HTML 14Page - ATMEL Corporation MSL3082CS Datasheet HTML 15Page - ATMEL Corporation MSL3082CS Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Atmel LED Driver-MSL3082
* Read-only registers
Register Power-up Defaults
Register power-up default values are shown in Table 4.
REGISTER NAME
AND ADDRESS
POWER-UP CONDITION
REGISTERS INITIALIZED
FROM EEPROM
REGISTER DATA
D7 D6 D5 D4 D3 D2 D1 D0
HEX
0x00
CONTROL
All LED strings drive outputs are enabled
1
1
1
1
1
1
1
1
FF
0x02 POWERCTRL
String phase delay enabled
Efficiency Optimizer feedback output enabled
I2C bus timeout enabled
Direct PWM disabled
String open circuit detection enabled
String short circuit detection enabled
Device awake
0
1
1
1
0
1
1
1
77
0x03
OSCCTRL
Internal oscillator f
OSC set to 20MHz
0
0
0
0
0
1
0
0
04
0x04
OTTEMP
Over-temperature threshold is 90°C
0
1
0
1
1
0
1
0
5A
0x05
SYSTEMP
System temperature set to 30°C
0
0
0
1
1
1
1
0
1E
0x06
OTSLOPE
Over-temperature slope set to 50°C
0
0
1
1
0
0
1
0
32
0x08
PWMCTRL
PWM operation enabled
String on-times truncated at end of frame
GSC low frequency fault detection disabled
PHI high frequency fault detection disabled
Over-temperature derating of string on times enabled
PWM frame synchronized to rising edge at PHI input
GINT global intensity control enabled
GSC input frequency division disabled
0
1
1
1
0
0
0
1
71
0x0B
GINT
Global intensity PWM duty cycle GINT = 15/64 = 23.4%
0
0
0
0
1
1
1
1
0F
0x0C
GSCDIV
GSC input frequency is divided by 2^0
0
0
0
0
0
0
0
0
00
0x0D
PHIMUL
PHI input frequency is multiplied by 1
0
0
0
0
0
0
0
1
01
0x0E
STR03FBO
All strings are monitored by the Efficiency Optimizer
1
1
1
1
1
1
1
1
FF
0x0F
STR47FBO
1
1
1
1
1
1
1
1
FF
Table 4. Atmel LED Driver-MSL3082 Register Power-up Defaults
REGISTER AND
ADDRESS
FUNCTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
FBODAC*
0x59
Efficiency
Optimizer
DAC
readback
FBOACT
-
-
-
FBODAC[3:0]
DO NOT ACCESS ADDRESS RANGE 0X58 TO 0X8F
E2ADDR
0x90
User
EEPROM
read/write
access
-
E2ADDR[6:0]
E2CTRLSTA
0x91
E2BUSY
BLDACT
E2ERR
-
-
RWCTRL[1:0]
Atmel LED Driver-MSL3082
8-string, High-power, White or RGB LED Driver for TV,
Blacklighting, or Intelligent Solid-state Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com