Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button MSL3082CS Datasheet HTML 3Page - ATMEL Corporation MSL3082CS Datasheet HTML 4Page - ATMEL Corporation MSL3082CS Datasheet HTML 5Page - ATMEL Corporation MSL3082CS Datasheet HTML 6Page - ATMEL Corporation MSL3082CS Datasheet HTML 7Page - ATMEL Corporation MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation MSL3082CS Datasheet HTML 10Page - ATMEL Corporation MSL3082CS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Atmel LED Driver-MSL3082
Absolute Maximum Ratings
Voltage (With Respect to GND)
VIN, EN, D0-D7, G0-G7.............................................................................................................................................. -0.3V to +16V
SDA, SCL, AD0, AD1, FLTB......................................................................................................................................-0.3V to +5.5V
PHI, GSC, PWM, S0-S7, FBI, FBO.................................................................................................... -0.3V to (V
DD + 0.3V)
VDD ............................................................................................................................................................................................-0.3V to +2.75V
Current (Into Pin)
VIN ...................................................................................................................................................................................................................... 50mA
GND...............................................................................................................................................................................................................-500mA
All other pins................................................................................................................................................................................................20mA
Continuous Power Dissipation (See Note 8, Note 9)
44-Pin 7mm x 7mm QFN (derate 47.6mW/°C above 70°C)............................................................. 2619mW
Ambient Operating Temperature Range T
A = TMIN to TMAX .......................................... -40°C to +105°C
JunctionTemperature ................................................................................................................................................................. +125°C
Storage Temperature Range........................................................................................................................ -65°C to +125°C
Lead Soldering Temperature, 10s..................................................................................................................................+300°C
Electrical Characteristics
(Circuit of Figure 3, VIN = 12V, T
A = TMIN to TMAX, unless otherwise noted. Typical values are at VIN = 12V, TA = +25°C)
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
VIN operating supply voltage
10.8
12.0
13.2
V
VIN operating supply current
All drivers on at 100% duty, I²C serial interface idle
25.0
32.5
mA
VIN shutdown supply current
EN = 0, all digital inputs tied to VDD or GND
10
20
μA
VDD regulation voltage
2.3
2.5
2.6
V
Input high voltage SDA, SCL, AD0, AD1
2.31
V
Input low voltage SDA, SCL, AD0, AD1
0.9
V
Input high voltage PHI, GSC, PWM
1.8
V
Input low voltage PHI, GSC, PWM
0.7
V
Input high voltage EN
0.9
1.36
V
Input low voltage EN
0.7
V
Input hysteresis EN
50
mV
Continued to Next Page
Atmel LED Driver-MSL3082
8-string, High-power, White or RGB LED Driver for TV,
Blacklighting, or Intelligent Solid-state Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com