Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 9 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button MSL3082CS Datasheet HTML 5Page - ATMEL Corporation MSL3082CS Datasheet HTML 6Page - ATMEL Corporation MSL3082CS Datasheet HTML 7Page - ATMEL Corporation MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation MSL3082CS Datasheet HTML 10Page - ATMEL Corporation MSL3082CS Datasheet HTML 11Page - ATMEL Corporation MSL3082CS Datasheet HTML 12Page - ATMEL Corporation MSL3082CS Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Atmel LED Driver-MSL3082
Note 1. Minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if either
SDA or SCL is held low for t
TIMEOUT. Disable bus timeout feature for DC operation
Note 2. t
VD:ACK = SCL low to SDA (out) low acknowledge time
Note 3. t
VD:DAT = minimum SDA output data-valid time following SCL low transition
Note 4. A master device must internally provide an SDA hold time of at least 300ns to ensure an SCL low state
Note 5. The maximum SDA and SCL rise times are 300ns. The maximum SDA fall time is 250ns. This allows series protection resistors to be
connected between SDA and SCL inputs and the SDA/SCL bus lines without exceeding the maximum allowable rise time
Note 6. The MSL3082 includes input filters on SDA, SCL, AD0, and AD1 inputs that suppress noise less than 50ns
Note 7. Parameter is guaranteed by design, and is not production tested
Note 8. Subject to thermal dissipation characteristics of the device
Note 9. When mounted according to JEDEC JEP149 and JESD51-12 for a one-layer PCB,
θ
JA = 21°C/W and θJC = 1.3°C/W
Block Diagram
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
SDA data valid acknowledge time
t
VD:ACK
(Note 2)
0.05
0.55
µs
SDA data valid time
t
VD:DAT
(Note 3)
0.05
0.55
µs
SDA data set-up time
t
SU:DAT
100
ns
SCL clock low period
t
LOW
0.5
µs
SCL clock high period
t
HIGH
0.26
µs
SDA, SCL fall time
t
F
(Note 4, Note 5)
120
ns
SDA, SCL rise time
t
R
120
ns
SDA, SCL input suppression
filter period
t
SP
(Note 6)
50
ns
Atmel LED Driver-MSL3082
8-string, High-power, White or RGB LED Driver for TV,
Blacklighting, or Intelligent Solid-state Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com