Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 5 Page - ATMEL Corporation

  MSL3082CS Datasheet HTML 1Page - ATMEL Corporation MSL3082CS Datasheet HTML 2Page - ATMEL Corporation MSL3082CS Datasheet HTML 3Page - ATMEL Corporation MSL3082CS Datasheet HTML 4Page - ATMEL Corporation MSL3082CS Datasheet HTML 5Page - ATMEL Corporation MSL3082CS Datasheet HTML 6Page - ATMEL Corporation MSL3082CS Datasheet HTML 7Page - ATMEL Corporation MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Atmel LED Driver-MSL3082
Table 2. Atmel LED Driver-MSL3082 Timing and LED Intensity Control Capability
LED INTENSITY CONTROL
RESOLUTION
LED string current
External resistors set maximum current for each LED string up to at least 500mA
Individual LED string current
6-bit ISTR registers reduce string current from maximum set by global resistor
Global LED string pulse width
6-bit GINT register or PWM input (accepts 20Hz To 50kHz, 0% to 100% duty cycle)
Individual LED string pulse width
8-bit PWM registers set individual string pulse width
Global temperature derating
6-bit temperature pulse width derating, individually applied to each string
Total LED string pulse width control 10-bit LED string pulse width, computed from global and individual pulse width settings
Package Pin-out - Atmel LED Driver-MSL3082-TB
Figure 1. 44-pin, 7mm x 7mm x 0.85mm QFN
(0.5mm pin pitch) with Exposed Pad
Figure 2. 44-pin TQFN Package Dimensions
44
43
42
41
40
39
38
37
36
35
34
SCL 1
33 VDD
SDA 2
32 VIN
AD0 3
31 D7
FLTB 4
30 G7
FBI 5
29 S7
FBO 6
28 D6
GND 7
27 G6
S0 8
26 S6
G0 9
25 D5
D0 10
24 G5
S1 11
MSL3082
(TOP VIEW)
23 S5
12
13
14
15
16
17
18
19
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com