Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL3082CS Datasheet(PDF) 16 Page - ATMEL Corporation

Part # MSL3082CS
Description  8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3082CS Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button MSL3082CS Datasheet HTML 8Page - ATMEL Corporation MSL3082CS Datasheet HTML 9Page - ATMEL Corporation MSL3082CS Datasheet HTML 10Page - ATMEL Corporation MSL3082CS Datasheet HTML 11Page - ATMEL Corporation MSL3082CS Datasheet HTML 12Page - ATMEL Corporation MSL3082CS Datasheet HTML 13Page - ATMEL Corporation MSL3082CS Datasheet HTML 14Page - ATMEL Corporation MSL3082CS Datasheet HTML 15Page - ATMEL Corporation MSL3082CS Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Atmel Corporation
2325 Orchard Parkway
San Jose, CA 95131
USA
Tel: (+1)(408) 441-0311
Fax: (+1)(408) 487-2600
www.atmel.com
© 2011 Atmel Corporation. All rights reserved. / Rev.: MEM-MSL3082DB1-E-US_06-11
Atmel®, logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be
trademarks of others.
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel
products. EXCEPT AS SET FORTH IN THE ATMEL TERMS AND CONDITIONS OF SALES LOCATED ON THE ATMEL WEBSITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY
RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT,
INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS AND PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR
INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and
reserves the right to make changes to specifications and products descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not
suitable for, and shall not be used in, automotive applications. Atmel products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
Atmel Asia Limited
Unit 01-5 & 16, 19F
BEA Tower, Millennium City 5
418 Kwun Tong Road
Kwun Tong, Kowloon
HONG KONG
Tel: (+852) 2245-6100
Fax: (+852) 2722-1369
Atmel Munich GmbH
Business Campus
Parkring 4
D-85748 Garching b. Munich
GERMANY
Tel: (+49) 89-31970-0
Fax: (+49) 89-3194621
Atmel Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
JAPAN
Tel: (+81)(3) 3523-3551
Fax: (+81)(3) 3523-7581
REGISTER NAME
AND ADDRESS
POWER-UP CONDITION
REGISTERS INITIALIZED
FROM EEPROM
REGISTER DATA
D7 D6 D5 D4 D3 D2 D1 D0
HEX
0x10
0x17
ISTR0 thru
ISTR7
Individual peak string current
0
0
1
0
0
0
0
0
20
0x20
0x27
PHDLY0 thru
PHDLY7
All string phase delays set to zero processed GSC cycles
0
0
0
0
0
0
0
0
00
0x30
0x37
PWM0 thru
PWM7
All strings PWM settings equal 48 processed GSC cycles
0
0
1
1
0
0
0
0
30
0x40
GSCMAX
Maximum GSC pulse count is 0
0
0
0
0
0
0
0
0
00
0x41
0
0
0
0
0
0
0
0
00
0x42
PHIMIN
Minimum PHI pulse count is 0
0
0
0
0
0
0
0
0
00
0x43
0
0
0
0
0
0
0
0
00
0x47
FAULTEN
Fault detection is enabled for all strings
1
1
1
1
1
1
1
1
FF
0x50
FBOCTRL0
Current source error confirmation delay is 4µs
FBO power supply settling time allowance is 8ms
Efficiency Optimizer auto recalibration delay is 1s
Efficiency Optimizer gives three steps for headroom
0
0
0
0
1
1
0
0
0C
0x51
FBOCTRL1
Current source error detection enabled
Auto recalibration disabled
String short circuit confirmation delay is 4µs
0
0
0
0
0
0
0
0
00
0x90
E2ADDR
User EEPROM 7-bit address = 0x00
0
0
0
0
0
0
0
0
00
0x91
E2CTRLSTA
User EEPROM read/write disabled
0
0
0
0
0
0
0
0
00
63
32
5
.
0
∗
=
Sn
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com