Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLB9082 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 9Page - ATMEL Corporation MSLB9082 Datasheet HTML 10Page - ATMEL Corporation MSLB9082 Datasheet HTML 11Page - ATMEL Corporation MSLB9082 Datasheet HTML 12Page - ATMEL Corporation MSLB9082 Datasheet HTML 13Page - ATMEL Corporation MSLB9082 Datasheet HTML 14Page - ATMEL Corporation MSLB9082 Datasheet HTML 15Page - ATMEL Corporation MSLB9082 Datasheet HTML 16Page - ATMEL Corporation MSLB9082 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Atmel LED Driver-MSLB9082
Setting the Internal PWM Dimming
Frequency and Duty Cycle
The MSL3162 internally generates the PWM dimming
duty cycle and frequency. The PWM dimming
frequency is programmable, as are the PWM duty cycle
and phasing between LED strings.
Setting the PWM Dimming Frequency
The PWM frequency (PHI frequency) is internally set
by the IPHIGEN register. This 16-bit number sets the
divider ratio from an internal 2.5MHz clock. Therefore,
the PWM frequency is:
IPHIGEN
MHz
f
PWM
5
.
2
=
For high dimming accuracy, keep the PWM dimming
frequency below 10kHz. To set the PWM frequency,
program the IPHIGEN register between 38Hz and
10kHz per the equation:
PWM
f
MHz
IPHIGEN
5
.
2
=
,
where IPHIGEN ranges between 250 (0x00FA) and
65535 (0xFFFF)
For full PWM dimming resolution, make sure that the
ratio between the IGSCGEN register and IPHIGEN
register is 32. See Setting the PWM Dimming
Resolution for more details.
Setting the PWM Dimming Resolution
The MSL3162 uses the IPHIGEN register to set the
PWM dimming frequency, and it uses the IGSCGEN
register to set the PWM dimming resolution (GSC
frequency). The MSL3162 internally counts using the
frequency set by the IGSCGEN register to set the PWM
duty and phasing. Full PWM dimming is achieved if the
ratio of IGSCGEN to IPHIGEN is less than 32. If the ratio
is greater than 32, then the maximum achievable duty
cycle is:
−
×
=
IPHIGEN
IGSCGEN
D
MAX
1
32
For D
MAX>1, the maximum duty cycle is 100%.
Setting the LED PWM Dimming Duty Cycle
The MSL3162 allows each LED string to operate at
different duty cycles and phases. The per-string PWM
dimming duty cycle for any LED string is set by the
PWMn register, where n is the LED string number.
The MSL3162 also offers PWM dimming of all strings
simultaneously through the global intensity (GINT)
register. Each string PWM on time is set by the eight
most-significant bits of the product of the PWMn
and GINT registers, multiplied by the GSC period:
20
64
64
t
−
=


=
*
*
1
*
*
1
GINT
PWMn
MHz
IGSCGEN
GINT
PWMn
f
GSC
ON_PWMn
tON_PWMn
where PWMn ranges from 0 to 256 (0xFF) and GINT
ranges from 0 to 64 (0x3F).
Setting the LED PWM Dimming Phasing
Each LED string’s PWM dimming occurs with
independent phasing. This is useful to force phase
shifted PWM dimming, which reduces the transient load
on the DC-DC converter, improving performance.
The phase of each LED string is set by PHDLYn,
where n is the LED string number. The MSL3162
counts GSC pulses to determine the on-time delay
from the beginning of each PHI frame. For example,
if PHDLY0 is set to 0x00, the LED string 0 on time
starts at the beginning of a PHI frame. If PHDLY0 is
set to 0x40, the LED string 0 on time begins at 64
(0x40) GSC pulses after the beginning of a PHI frame.
20
PHDLYn
MHz
IGSCGEN
t
PHDLYn
f
t
PHDLYn
GSC
PHDLYn
*
1
*
1
−
=


=
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com