Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLB9082 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 2 Page - ATMEL Corporation

  MSLB9082 Datasheet HTML 1Page - ATMEL Corporation MSLB9082 Datasheet HTML 2Page - ATMEL Corporation MSLB9082 Datasheet HTML 3Page - ATMEL Corporation MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Driver-MSLB9082
General Description
The Atmel® compact,
8-channel LED driver board
is a complete LED backlight
driver solution using the Atmel
LED Driver-MSL3162 for
medium-sized LCD panels.
Each channel drives up to 10
series-connected LEDs at up
to 160mA per channel. The
driver board is configured to
operate from a 10 - 16V input
voltage. The full-scale LED
current is preset to 50, 60,
70, or 80mA per LED string,
selected by an onboard switch.
Current can be reduced from
full scale through the I2C serial
interface in 64 linear steps.
Digital (PWM) dimming is
available through an external
signal or by using the internal
PWM generator via the
serial interface.
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface
The optional microcontroller board and graphical user interface (GUI)
software allow control of the driver board through a personal computer. This
gives access to the internal features of the MSL3162, including fault detection,
digital control of LED current, individual LED string on/off control, and internally
generated PWM dimming.
The compact eight-channel LED driver board is intended for evaluation,
prototyping, or small production runs. Gerber files and Cadence OrCAD layout
files are available to allow the circuit to be integrated into a larger system for
large production runs.
Applications
• LCD Panel LED Backlight Driver
Ordering Information
PART
DESCRIPTION
MSLB9082
Compact, 8-channel LED driver module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com