Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLB9082 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 5 Page - ATMEL Corporation

  MSLB9082 Datasheet HTML 1Page - ATMEL Corporation MSLB9082 Datasheet HTML 2Page - ATMEL Corporation MSLB9082 Datasheet HTML 3Page - ATMEL Corporation MSLB9082 Datasheet HTML 4Page - ATMEL Corporation MSLB9082 Datasheet HTML 5Page - ATMEL Corporation MSLB9082 Datasheet HTML 6Page - ATMEL Corporation MSLB9082 Datasheet HTML 7Page - ATMEL Corporation MSLB9082 Datasheet HTML 8Page - ATMEL Corporation MSLB9082 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Atmel LED Driver-MSLB9082
PIN NAME
PIN NUMBER
PIN DESCRIPTION
VLED
1-8
LED string anode output voltage
STRA
9
LED string A cathode connection (MSL3162 STR0 and STR1)
STRB
10
LED string B cathode connection (MSL3162 STR2 and STR3)
STRC
11
LED string C cathode connection (MSL3162 STR4 and STR5)
STRD
12
LED string D cathode connection (MSL3162 STR6 and STR7)
STRE
13
LED string E cathode connection (MSL3162 STR8 and STR9)
STRF
14
LED string F cathode connection (MSL3162 STR10 and STR11)
STRG
15
LED string G cathode connection (MSL3162 STR12 and STR13)
STRH
16
LED string H cathode connection (MSL3162 STR14 and STR15)
GND
17-20
Ground
Absolute Maximum Ratings
Voltage (With Respect to GND)
STR1-STR6............................................................................................................................................................................................. -0.3V to +40V
VLED............................................................................................................................................................................................................. -0.3V to +40V
PWR .............................................................................................................................................................................................................. -0.3V to +25V
EN, PWM, SDA, SCL, FLTB .......................................................................................................................................................-0.3V to +5.5V
Ambient operating temperature range T
A = TMIN to TMAX.................................................................................... -40°C to +50°C
Table 3: Electrical Operating Characteristics
(Typical application circuit, VIN = 12V, T
A = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
PARAMETER
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Power input voltage
10
16
V
EN logic input high level
2.3
V
EN logic input low level
0.8
V
PWM, SDA, SCL input high voltage
2
V
PWM, SDA, SCL input low voltage
0.9
V
FLTB output low voltage
I
FLTB = 1mA
0.1
V
FLTB leakage current
V
FLTB = 3.6V
1
uA
STR1-STR8 output current
ISTRn = 0x3F, S2 position 1
50
mA
ISTRn = 0x3F, S2 position 2
60
mA
ISTRn = 0x3F, S2 position 3
70
mA
ISTRn = 0x3F, S2 position 4
80
mA
Atmel LED Driver-MSLB9082
LED Backlight Driver Module
Compact, 8-channel, 20W LED Driver Board with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com