Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLB9082 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # MSLB9082
Description  Compact, 8-channel, 20W LED Driver Board with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9082 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button MSLB9082 Datasheet HTML 10Page - ATMEL Corporation MSLB9082 Datasheet HTML 11Page - ATMEL Corporation MSLB9082 Datasheet HTML 12Page - ATMEL Corporation MSLB9082 Datasheet HTML 13Page - ATMEL Corporation MSLB9082 Datasheet HTML 14Page - ATMEL Corporation MSLB9082 Datasheet HTML 15Page - ATMEL Corporation MSLB9082 Datasheet HTML 16Page - ATMEL Corporation MSLB9082 Datasheet HTML 17Page - ATMEL Corporation MSLB9082 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Atmel LED Driver-MSLB9082
Setting the LED Voltage Range
The MSL9082 LED driver board uses four different voltage ranges to power the LEDs, which are set through the S3
switch. The ranges are shown in Table 7. The MSL3162 automatically adjusts the LED voltage over a 7.4V range to
minimize power loss while maintaining enough current sink headroom to keep the LED string current accurate. Choose
an LED voltage range that suits the LEDs used so that the MSL3162 can adjust the voltage to optimize for the LED
voltage. For more information, consult the MSL3162 data sheet.
Table 6: LED Voltage Settings
VOLTAGE SWITCH S3
POSITION
LED VOLTAGE RANGE
VOLTAGE SWITCH S3
POSITION
LED VOLTAGE RANGE
Position 1
28.8V to 21.3V
Position 3
37.1V to 29.6V
Position 2
39.7V to 32.3V
Position 4
33.0V to 25.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com