Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B75-1B20-KOF Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # B75-1B20-KOF
Description  Non-Bleed Switch For Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-KOF Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  B75-1B20-KOF Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
42-686 Series K Pneumatic Switch Mechanism
1.0
Description
The Series K is a non-bleed pneumatic switch. It incorpo-
rates a three-way pneumatic valve assembly, actuated by a
magnet swing carriage. Mechanisms are available as an
option for most Magnetrol liquid level controls.
2.0
Technology
Magnetic force and the lever mechanism transmit move-
ment from the pressure vessel to the pneumatic valve.
Figure 1 shows the position of the attraction sleeve and
magnet when the liquid level is such that the attraction
sleeve is below the field of the magnet. In this position, the
flapper has been drawn away from the valve rod, permitting
the inlet air or gas to flow to a pneumatic operator. Inlet air
pressure against the ball allows the ball to seal off the
exhaust outlet.
Figure 2 shows the position of the attraction sleeve and the
magnet when the liquid level has risen, causing the attrac-
tion sleeve to attract the magnet against the enclosing tube.
In this position, the flapper actuates the air valve, closing
the supply inlet and opening the exhaust port, which
reduces the pressure in the operator to atmospheric. This
action, “close” on high, is reversible to “open” on high with
two simple adjustments (refer to page 4).
NOTE: In order to protect the switch assembly from contaminants,
filtered and dried gas/air supply is recommended.
R
D
Attraction sleeve
Non-magnetic
enclosing tube
Flapper
adjustment screw
Air supply
open position
Falling
level
Magnet (swing
out position)
Upper
shoulder
screw
Lower shoulder
screw
Pivot
Actuating link
Reverse link
position for
opposite action
To operator
Air valve
Exhaust
closed
Flapper
Pivot
R
D
Attraction sleeve
Non-magnetic
enclosing tube
Flapper
adjustment screw
Rising
level
Magnet (swing
in position)
Upper
shoulder
screw
Lower shoulder
screw
Pivot
Actuating link
Reverse link
position for
opposite action
Flapper
Pivot
Air supply
closed position
To operator
Air valve
Exhaust
open
Figure 1
Attraction sleeve below field of magnet
Figure 2
Attraction sleeve in field of magnet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com