Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B75-1B20-KOF Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # B75-1B20-KOF
Description  Non-Bleed Switch For Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-KOF Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  B75-1B20-KOF Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4
42-686 Series K Pneumatic Switch Mechanism
6.0
Replacement Parts
6.1
K Series pneumatic switch
Replacement parts for K Series Pneumatic Switch
Mechanisms are available as an assembly only. Switch mech-
anism consists of entire pneumatic assembly mounted in the
switch housing base. See figure 7 below. When ordering an
assembly, be certain to specify:
1. The model number of the level control in which the switch
was installed.
2. The serial number of the level control in which the switch
was installed. Refer to nameplate attached to control.
Caution: When ordering replacement switch mechanisms, be
certain to determine color dot on magnet. Never replace
a mechanism having a red dot magnet with one having
a yellow dot magnet, and vice versa.
Switch Code
Magnet
Part Number
KOE
Yellow
89-7501-023
KOF
Yellow
89-7501-023
KOG
Red
89-7501-024
KOH
Red
89-7501-024
KPE
Yellow
89-7501-025
KPF
Yellow
89-7501-025
4.66"
(118)
5.46"
(139)
1.63"
(41)
1/4" NPT
1.63"
(41)
Figure 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com