Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B75-1B20-KOF Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # B75-1B20-KOF
Description  Non-Bleed Switch For Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-KOF Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  B75-1B20-KOF Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5
42-686 Series K Pneumatic Switch Mechanism
8.0
Switch Codes
B7
5
1B
2
0
For use with
Switch
Maximum
Magnet
E-tube
Attraction
Cover
Code
Supply
Dot
Wall
Sleeve
Height
PSIG
Bar
Inches
(mm)
Inches
(mm)
KOG
40
3
Red
.035
.9
Standard
4
102
KOH
40
3
Red
.035
.9
Standard
6
152
KOE
100
7
Yellow
.035
.9
Sheathed
4
102
KOF
100
7
Yellow
.065
1.7
Standard
6
152
KPE
100
7
Yellow
.065
1.7
Sheathed
4
102
KPF
100
7
Yellow
.065
1.7
Sheathed
6
152
SWITCH MECHANISM AND ENCLOSURE
Maximum leakage rate is .5 SCFH at maximum supply pressure. Maximum
process temperature is +400° F (+209° C).
or
6.2
Switch housing replacement assembly
Standard carbon steel housing replacement assemblies are
designed for general purpose indoor use installations requir-
ing protection against entrance of dust, water, lint
and fiber/oil. Refer to Figure 8.
7.0
“K” Switch Specifications
Supply Pressure:
40 psi Max. or 100 psi Max.
Airline Connections:
1
⁄4" NPT
Maximum Leakage Rate:
0.5 SCFH
Maximum Airflow:
100 psi Max. supply pressure 1.1 SCFM
40 psi Max. supply pressure 0.7 SCFM
Maximum Process Temp.:
+400° F
Housing Protection:
General Purpose/NEMA 1/IP53
Housing Material:
Rolled steel/Cast aluminum
Switch Mechanism Material: Stainless steel
Example Model Number:
Description
Replacement Kit
Part Number
Blue Cover
Standard
housing cover
Short 4" (102 mm)
89-6509-003
Œ
Tall 6" (152 mm)
89-6510-003
Œ
Cover assembly hardware
89-6508-001
Œ Includes assembly hardware kit 89-6508-001.
Figure 8
Carbon steel housing assembly
4.00"
(102)
or
6.00"
(152)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com