Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B75-1B20-KOF Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # B75-1B20-KOF
Description  Non-Bleed Switch For Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-KOF Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  B75-1B20-KOF Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-KOF Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3
42-686 Series K Pneumatic Switch Mechanism
5.0
Preventive Maintenance
5.0.1 Nozzle cleaning
To clean the nozzle, follow the steps below:
1. Unscrew and remove the adapter. Refer to Figure 5.
Caution: Do not lose the ball which will drop out when the adapter
is removed.
2. The ball and actuating rod will now fall out when the
switch is tipped.
3. Unscrew the socket set screw with a 1⁄16" Allen wrench. This
will prevent damage to the flapper when performing step 4.
4. Insert a 1⁄16" diameter wire into the nozzle from the air line
connection side. Refer to Figure 6. The wire may be moved
back and forth to clean the opening of any accumulated
matter.
5. Reassemble the actuating rod, ball, and adapter; insert into
nozzle. Refer to Figure 5.
6. Securely tighten the air line adapter.
7. Readjust the flapper to its original position; refer to Nozzle
Flapper Readjustment procedure.
5.0.2 Nozzle flapper readjustment
1. Connect an air line to the adapter.
2. Pressurize the air line.
3. Adjust the flapper with the socket set screw for the desired
action:
Direct Action
A. Hold the magnet against the enclosing tube.
B. Adjust the socket set screw with a 1⁄16" Allen wrench until
the air flow stops, plus an extra one-eighth turn.
Reverse Action
A. Hold the magnet tab against the fall out stop. Refer to
Figure 3.
B. Adjust the socket set screw with a 1⁄16" Allen wrench until
the air flow stops.
4. Manually actuate the switch under pressure to assure its cor-
rect actuation. The unit is now ready for service.
5. Operate control at normal process conditions to verify
adjustments.
Figure 6
Figure 5
1⁄16" Allen
wrench
Actuating rod
Enclosing tube
Socket set
screw
Air line
adapter
Ball
Nozzle
1
⁄16" Diameter wire
Flapper
Enclosing tube
Socket set screw
Nozzle
Flapper
Magnet
(yellow
or red
dot)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com