Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J52 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # J52
Description  J52 Refrigerant Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

J52 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  J52 Datasheet HTML 1Page - Magnetrol International, Inc. J52 Datasheet HTML 2Page - Magnetrol International, Inc. J52 Datasheet HTML 3Page - Magnetrol International, Inc. J52 Datasheet HTML 4Page - Magnetrol International, Inc. J52 Datasheet HTML 5Page - Magnetrol International, Inc. J52 Datasheet HTML 6Page - Magnetrol International, Inc. J52 Datasheet HTML 7Page - Magnetrol International, Inc. J52 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INSTALLATION cont.
WIRING cont.
Terminal connections shown in Figure 4 are for a standard
SPDT switch. Actuating the switch closes one circuit and
simultaneously opens the second circuit. In this diagram,
circuit between contacts 4 and 5 is made and circuit
between contact 5 and 6 is broken at low liquid level. At
high level, circuit between contacts 4 and 5 is broken and
circuit between contact 5 and 6 is made.
DIFFERENTIAL ADJUSTMENT
The amount of level travel between “switch on” and “switch
off” can be reduced from the maximum factory setting by
raising the lower set of jam nuts. Minimum free play (differ-
ential) of magnetic sleeve is 1⁄32".
1. Disconnect wiring from supply side of switch mecha-
nism and electrical conduit or operating medium line
connections to switch housing.
2. Perform system shut-down as required to relieve pres-
sure from tank or vessel and drain off liquid “head”
above control mounting position. Allow unit to cool.
3. Remove switch housing assembly by loosening enclos-
ing tube nut located immediately below housing base.
Refer to Figure 8 on page 7.
4. With switch housing removed, jam nuts and magnetic
sleeve are now accessible, as shown in Figure 6.
Raising the lower jam nuts will reduce the differential. As
the first step in any adjustment procedure, the position
of the upper and lower jam nuts should be established.
NEVER CHANGE SETTING OF UPPER JAM NUTS AS
THEY SUPPORT FLOAT ASSEMBLY SO THAT IT CAN-
NOT TOUCH BOTTOM OF CHAMBER.
5. Loosen and remove upper jam nuts, guide washer, and
magnetic sleeve. Lower jam nuts may now be adjusted
to reduce the differential.
NOTE: Be certain to tighten jam nuts securely after adjustment.
6. Replace magnetic sleeve on stem and position upper jam
nuts to their original setting. Lock upper jam nuts to guide
washer.
7. Reassemble control in reverse of steps 1 through 3, previ-
ously described.
8. Test switch actuation by varying liquid level in tank or vessel.
Figure 4
Figure 5
Figure 6
CAUTION: Before attempting any work on the control,
be certain to pull disconnect switch or otherwise assure
that electrical circuit(s) through control is deactivated.
Close operating medium supply valve on controls equip-
ment with pneumatic switch mechanisms.
Receiver
From Condenser
To Evaporator
INSTALLATION SHOWING LEVEL CONTROL (OR ALARM) ON A RECEIVER
Desired
Actuating Level
Insulation
End View
Side View
Chamber mark indicates
actuating level
DO NOT Insulate
Switch Housing
Mount control so mark on chamber corresponds to level desired
in vessel. When control is used on a low temperature liquid,
chamber and connection lines should be insulated as shown to
prevent “boiling” in the float chamber and false level indications
4 RED
Assembly B
Load
Load
Line
Ground
GREEN
Internal
Circuit
Close on
Falling Level
Close on
Rising Level
Common
5 YELLOW
6 BLUE
Jam nuts.
Slight play (gap)
must be allowed
(.03" [.8 mm] typical)
Differential gap
Magnetic sleeve
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com