Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J52 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # J52
Description  J52 Refrigerant Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

J52 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  J52 Datasheet HTML 1Page - Magnetrol International, Inc. J52 Datasheet HTML 2Page - Magnetrol International, Inc. J52 Datasheet HTML 3Page - Magnetrol International, Inc. J52 Datasheet HTML 4Page - Magnetrol International, Inc. J52 Datasheet HTML 5Page - Magnetrol International, Inc. J52 Datasheet HTML 6Page - Magnetrol International, Inc. J52 Datasheet HTML 7Page - Magnetrol International, Inc. J52 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ROTATION CLEARANCE
NEMA 4X — 4.25 (108)
NEMA 4X/7/9 — 6.00 (152)
1/2" NPT Conduit
Connection may
be rotated through 360
°
24.00 (610) Long
wires furnished
15.00
(381)
10.00
(254)
3/4" NPT
3/4" Socket weld
5.75
(146)
3/4" NPT
3/4" Socket weld
4.25 (108)
2.81
(71)
R
RISING LEVEL
FALLING LEVEL
L
SPECIFICATIONS
Dimensional specifications
Inches (mm)
NOTES:
1.
Float chamber has float cushioning spring.
2.
Allow 3.50 (89) NEMA 4 or 4.12 (105) NEMA 7/9 overhead
clearance for cover removal.
3.
All dimensions in ( ) are in millimeters.
6
Agency approvals
Basic electrical ratings
Actuating
Liquid Specific Gravity
Levels
0.60 0.80 1.00 1.20 1.30 1.40 1.50 1.60 1.70
R
1.00 1.44 1.69 1.88 1.94 2.00 2.06 2.13 2.13
(25)
(37)
(43)
(48)
(49)
(51)
(52)
(54)
(54)
L
2.38 2.63 2.81 2.94 3.00 3.06 3.06 3.13 3.13
(60)
(69)
(71)
(75)
(76)
(78)
(78)
(80)
(80)
NOTE: Actuating levels are factory set for maximum differential between
switch actuation. Internal adjustment provided for reduced differential.
Levels ±0.25" (6 mm)
Agency
Model Number
Approval
CSA
J52-41X1-00X
J52-41X2-00X
Non-Hazardous TYPE 4X
FM
J52-41XX-00X
Non-Hazardous NEMA 4X
J52-41X2-00X
Class
I, Div. 1, Groups C & D
Class
II, Div. 1 Groups E, F & G
Voltage
Non-inductive Ampere Rating
Dry Contact
120 VAC
15.00
240 VAC
15.00
24 VDC
6.00
120 VDC
0.50
240 VDC
0.25
Figure 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com