Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J52 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # J52
Description  J52 Refrigerant Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

J52 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  J52 Datasheet HTML 1Page - Magnetrol International, Inc. J52 Datasheet HTML 2Page - Magnetrol International, Inc. J52 Datasheet HTML 3Page - Magnetrol International, Inc. J52 Datasheet HTML 4Page - Magnetrol International, Inc. J52 Datasheet HTML 5Page - Magnetrol International, Inc. J52 Datasheet HTML 6Page - Magnetrol International, Inc. J52 Datasheet HTML 7Page - Magnetrol International, Inc. J52 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NOTES:
1.
Replacement assemblies listed are furnished in kit form only
for standard base model. Consult local representative for
ordering assistance on special model replacement parts or
accessories not included in above listing.
2.
Conduit compression type seal fitting parts not available form
factory for explosion proof housing which has 1" NPT outlet.
IMPORTANT:
When ordering, please specify:
A. Model and Serial number of control.
B. Name and Number of replacement assembly.
REPLACEMENT PARTS
1
2
3
4
5
6
7
8
9
Figure 8
7
Item
Description
J52-4101-002
J52-4102-002
J52-4107-004
J52-4111-002
J52-4112-002
1
Housing Cover
089-6526-001
089-6582-001
089-6522-001
089-6526-001
089-6582-001
2
Housing Base
089-6527-001
089-6527-001
089-6527-001
3
Switch Mechanism
089-7401-102
089-7401-102
089-7401-102
089-7401-102
089-7401-102
4
E-Tube
Z32-6301-038
Z32-6325-001
Z32-6325-007
Z32-6301-038
Z32-6325-001
5
E-Tube Gasket
012-1301-002
6
Attraction Sleeve
032-4101-013
7
Chamber Assembly
Z33-3105-001
Z33-3107-001
Z33-3105-001
8
Jam Nuts (4)
010-2106-004
9
Guide Washer
010-3351-001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com