Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J52 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # J52
Description  J52 Refrigerant Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

J52 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  J52 Datasheet HTML 1Page - Magnetrol International, Inc. J52 Datasheet HTML 2Page - Magnetrol International, Inc. J52 Datasheet HTML 3Page - Magnetrol International, Inc. J52 Datasheet HTML 4Page - Magnetrol International, Inc. J52 Datasheet HTML 5Page - Magnetrol International, Inc. J52 Datasheet HTML 6Page - Magnetrol International, Inc. J52 Datasheet HTML 7Page - Magnetrol International, Inc. J52 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
J52 Refrigerant
Level Switches
Instruction Manual and Parts List
DESCRIPTION
The Magnetrol® Model J52 is designed specifically as a
refrigerant level control for applications with commercial
refrigerants including Ammonia, Freon, Methyl Chloride,
and Sulphur Dioxide. Usage may include level alarm and/or
pump control service on liquid accumulators or receivers.
MODEL IDENTIFICATION
OPERATING PRINCIPLE
Figures 1 and 2 illustrate the simple and foolproof
Magnetrol operating principle. Switching action is obtained
through the use of a magnetic attracting sleeve, actuated
by a float, and a switching mechanism. These two basic
component assemblies are separated by a non-magnetic,
pressure tight enclosing tube. The switch and magnet are
assembled to a swinging arm which operates on precision
stainless steel pivot sockets.
OPERATING CYCLE
At “Normal Operating Level” of liquid in the chamber
(Figure 1), the float moves the magnetic attracting sleeve up
the enclosing tube and into the field of the switch mecha-
nism magnet. As a result, the magnet is drawn in tightly to
the enclosing tube causing the switch to actuate, “making”
or “breaking” an electrical circuit. As liquid level recedes,
the float pulls the magnetic attracting sleeve downward
until, at a pre-determined “Low Level” (Figure 2), the switch
magnet releases and is drawn outward away from the
enclosing body of the tube by a tension spring. This in turn
deactuates the switch. When liquid level returns to normal
(Figure 1), the float once again moves the magnetic attracting
sleeve up at the enclosing tube, causing the switch to
assume its original position.
Pivot
Return
Spring
Magnet
Float
Dry Contact Switch
Enclosing Tube
(non-magnetic)
Attracting Sleeve
(magnetic)
Normal Operating Level
Falling Level
Figure 1
Figure 2
Housing
Switch
Connection
3
⁄4" NPT
3
⁄4" Socket Weld
NEMA 4X
Dry Contact
J52-4101-002
J52-4111-002
NEMA 4 Lexan Dry Contact
J52-4107-004
—
NEMA 4X/7/9
Dry Contact
J52-4102-002
J52-4112-002


Similar Part No. - J52

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
J52-4101-002 MAGNETROL-J52-4101-002 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
J52-4102-002 MAGNETROL-J52-4102-002 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
J52-4107-004 MAGNETROL-J52-4107-004 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
J52-4111-002 MAGNETROL-J52-4111-002 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
J52-4112-002 MAGNETROL-J52-4112-002 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
More results

Similar Description - J52

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
Liquid Level Switches
J52-4101-002 MAGNETROL-J52-4101-002 Datasheet
163Kb / 2P
J52 Refrigerant Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
Liquid Level Switches
logo
Extech Instruments Corp...
RD300 EXTECH-RD300 Datasheet
736Kb / 1P
Refrigerant Leakage Detector
logo
Cynergy3 Co
SSV66A-34N CYNERGY3-SSV66A-34N Datasheet
743Kb / 1P
Drum level switches
FCNM CYNERGY3-FCNM Datasheet
725Kb / 2P
Fluid Level switches
logo
Figaro Engineering Inc.
TGS2630 FIGARO-TGS2630 Datasheet
281Kb / 2P
Refrigerant Gases
logo
Zhengzhou Winsen Electr...
WSP5110 WINSEN-WSP5110 Datasheet
767Kb / 7P
Refrigerant detection Gas Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com