Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM71004 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 1 Page - Ramtron International Corporation

  WM71004 Datasheet HTML 1Page - Ramtron International Corporation WM71004 Datasheet HTML 2Page - Ramtron International Corporation WM71004 Datasheet HTML 3Page - Ramtron International Corporation WM71004 Datasheet HTML 4Page - Ramtron International Corporation WM71004 Datasheet HTML 5Page - Ramtron International Corporation WM71004 Datasheet HTML 6Page - Ramtron International Corporation WM71004 Datasheet HTML 7Page - Ramtron International Corporation WM71004 Datasheet HTML 8Page - Ramtron International Corporation WM71004 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary
This is a product that has fixed target specifications but are
Ramtron International Corporation
subject to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 1.4
May 2011
Page 1 of 24
WM71004 / WM71008 / WM71016
4/8/16Kbit Secure F-RAM Memory with
Gen-2 RFID Access
DESCRIPTION
The WM710xx is a RFID transponder IC with
nonvolatile
memory
employing
an
advanced
ferroelectric process. A ferroelectric random access
memory, or F-RAM, is nonvolatile and performs
reads and writes like a RAM. It provides reliable data
retention
for
20
years
while
eliminating
the
complexities, overhead, and system level reliability
problems caused by EEPROM and other nonvolatile
memories.
Unlike EEPROM‟s, the WM710xx write operations
are zero power – there is no power or speed premium
paid for executing writes into the WM710xx as
compared to read power and speed. Operation of the
memory is fully symmetric: it has an equivalent read
and write range.
The WM710xx‟s RFID interface is compatible with
the EPC Class-1 Generation-2 UHF RFID Protocol
for Communications at 860 MHz – 960 MHz,
Version 1.2.0 Specification for RFID Air Interface.
The WM710xx is a two chip configuration offered in
various forms: standard IC package or wafers. All
specifications discussed herein are applicable to the
combined chipset operation.
Figure 1. System Block Diagram
FEATURES
4/8/16 Kbit Ferroelectric Nonvolatile RAM
Organized as 256/512/1024 x 16 bits
Very High Read/Write Endurance (> 10
14)
20-Year Data Retention
Gamma Stability Demonstrated to > 30 kGy
Symmetric Read/Write Operation
Advanced High-Reliability Ferroelectric Process
Interface and Security Features
EPC
Class
1
Gen2
(ISO18000-6C)
RFID
Compatible Interface (revision 1.2.0)
192-Bit Memory: 96-Bit Electronic Product
Code™ (EPC), 32-Bit Access Password, 32-Bit
KILL Password, 64-Bit TID Memory (Factory
Programmed and Locked)
Inventory, Read, Write and Erase features
Kill Command
Block Permalock Command
Access Command
UHF carrier frequencies from 860 MHz to 960
MHz ISM band, ASK demodulation
Tag-to-reader link frequencies up to 640Kbps
Reader-to-tag asymptotical transmission rates up
to 128Kbps
Supports FM0 and MMS data encoding formats
Custom Features
Stored Address Pointer to Improve Data Write
Speed
Stored Address Pointer Lock
Block Write Command
Variable USER Memory Block Size Support
Ultra Low Power Operation
Memory Read/Write Sensitivity: < -6 dBm (typ.)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
Bumped Wafers
8-pin UDFN
WM71016
RFID Tag
with F-RAM
RFID
Reader
(Class-1
Gen-2)


Similar Part No. - WM71004

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
4Kbit Wireless Memory Inlay
More results

Similar Description - WM71004

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
2Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
4Mbit F-RAM Memory
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
4Mbit F-RAM Memory
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
8Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
4Mbit F-RAM Memory
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com