Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM71004 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 2 Page - Ramtron International Corporation

  WM71004 Datasheet HTML 1Page - Ramtron International Corporation WM71004 Datasheet HTML 2Page - Ramtron International Corporation WM71004 Datasheet HTML 3Page - Ramtron International Corporation WM71004 Datasheet HTML 4Page - Ramtron International Corporation WM71004 Datasheet HTML 5Page - Ramtron International Corporation WM71004 Datasheet HTML 6Page - Ramtron International Corporation WM71004 Datasheet HTML 7Page - Ramtron International Corporation WM71004 Datasheet HTML 8Page - Ramtron International Corporation WM71004 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
WM710xx – Secure F-RAM with Gen-2 RFID
Rev. 1.4
May 2011
Page 2 of 24
PIN CONFIGURATION (UDFN PACKAGE)
Top View
(PCB Layout)
8
7
6
5
1
2
3
4
NC
ANT-
ANT+
NC
NC
NC
NC
NC
3.0 mm × 3.0 mm body, 0.65 mm pad pitch
PIN DESCRIPTION
Pin Name
Pin Number
Type
Description
ANT+, ANT-
7, 8
Input
RFID Antenna. Connect to external RFID antenna terminals.
NC
1, 2, 3, 4, 5, 6
-
There is no internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com