Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM71004 Datasheet(PDF) 19 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 19 Page - Ramtron International Corporation

Back Button WM71004 Datasheet HTML 15Page - Ramtron International Corporation WM71004 Datasheet HTML 16Page - Ramtron International Corporation WM71004 Datasheet HTML 17Page - Ramtron International Corporation WM71004 Datasheet HTML 18Page - Ramtron International Corporation WM71004 Datasheet HTML 19Page - Ramtron International Corporation WM71004 Datasheet HTML 20Page - Ramtron International Corporation WM71004 Datasheet HTML 21Page - Ramtron International Corporation WM71004 Datasheet HTML 22Page - Ramtron International Corporation WM71004 Datasheet HTML 23Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
WM710xx – Secure F-RAM with Gen-2 RFID
Rev. 1.4
May 2011
Page 19 of 24
SPECIFICATIONS
WM710xx‟s RFID Interface conforms to the Specification for RFID Air Interface EPC Class-1 Generation-2 UHF
RFID Protocol for Communications at 860 MHz – 960 MHz, Version 1.2.0.
Options and Exceptions are noted here:
State Persistence Requirements
WM710xx features infinite state retention for S1, S2, S3, and SL State flags. State flag S0 has no persistence
and will always return to state „A‟ upon a power cycle.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Symbol
Description
Ratings
VIN
Voltage on ANT+ with respect to ANT-
-1.0V to +4.5V
TSTG
Storage Temperature
-55C to + 125C
TOP
Operating Temperature
-40
oC to +85oC
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
500V
1kV
50V
ME
Memory Endurance: Read or Write or Erase
1x10
14
RFexp
RF Exposure
+10dBm
(800 ~ 1000 MHz)
Package Moisture Sensitivity Level
MSL-2
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
RF Operating Characteristics (TA = -40 C to + 85 C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
SR
Read Sensitivity
-6
dBm
SW
Write Sensitivity
-6
dBm
FR
Max Sustainable Read Rate @ SR
640
Kbits/s
1
FW
Max Sustainable Write Rate @ Sw
160
Kbits/s
1
tST
Power-on time
1.0
1.5
ms

Change in Modulator Reflection
Coefficient
TBD
TBD
ZIN
Input Impedance @ fIN=915MHz
63 – j199
Ohms
2
Note:
1.
Actual read & write speeds are constrained by the EPC Class 1 Gen2 data communication standard.
2.
ZIN is measured at SR/SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com