Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM71004 Datasheet(PDF) 22 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 22 Page - Ramtron International Corporation

Back Button WM71004 Datasheet HTML 16Page - Ramtron International Corporation WM71004 Datasheet HTML 17Page - Ramtron International Corporation WM71004 Datasheet HTML 18Page - Ramtron International Corporation WM71004 Datasheet HTML 19Page - Ramtron International Corporation WM71004 Datasheet HTML 20Page - Ramtron International Corporation WM71004 Datasheet HTML 21Page - Ramtron International Corporation WM71004 Datasheet HTML 22Page - Ramtron International Corporation WM71004 Datasheet HTML 23Page - Ramtron International Corporation WM71004 Datasheet HTML 24Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
WM710xx – Secure F-RAM with Gen-2 RFID
Rev. 1.4
May 2011
Page 22 of 24
MECHANICAL DRAWINGS
8-pin UDFN (3.0 mm x 3.0 mm body, 0.65 mm pad pitch)
Note: All dimensions in millimeters.
Care must be taken to ensure PCB traces and vias are not
placed within the exposed metal pad area.
UDFN PACKAGE MARKING SCHEME FOR BODY SIZE 3MM X 3MM
Legend:
XXXXXXX= base part number (WM71004, WM71008, WM71016)
LLLLLLLL= lot code
R=revision, P=package (D=DFN), N=split designator (numeric)
RIC=Ramtron Int‟l Corp, YY=year, WW=work week
Example: WM71004, “Green” UDFN-8 package, Lot 0411702,
Rev B., Year 2010, Work Week 12
WM71004
0411702
BD1
RIC1012
XXXXXXXX
LLLLLLLL
RPN
RICYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com