Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H02BA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC3H02BA
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02BA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC3H02BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC3H02BA
No. A1064-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Transfer Gain
⏐S21e⏐
2
1VCE=5V, IC=20mA, f=1GHz
9
12
dB
⏐S21e⏐
22VCE=2V, IC=3mA, f=1GHz
8.5
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.0
1.8
dB
Package Dimensions
unit : mm (typ)
7039A-005
Type No. Indication (Top view)
Electrical Connection (Top view)
1 : Collector
2 : Base
3 : Emitter
SANYO : ECSP1006-3
0.6
0.15
0.35
0.5
Polarity discriminating mark
1
2
3
1
2
3
Base
Emitter
Collector
Base
Emitter
Collector
Polarity mark (Top)
*Electrodes : Bottom
Polarity mark (Top)
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com