Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H02BA Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC3H02BA
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02BA Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC3H02BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC3H02BA
No. A1064-3/5
Collector Current, IC -- mA
NF -- IC
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
⏐S21e⏐
2 -- IC
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
120
0
100
60
80
40
20
20
060
40
80
100
140
120
160
IT01369
14
12
10
8
6
4
2
0
10
33
25
7
100
3
25
7
57
2
1.0
12
10
8
6
4
2
0
IT01368
IT01367
7
5
7
5
3
2
2
3
0.1
1.0
3
25
10
0.1
73
25
7
3
2
7
1.0
3
2
1.0
57
3
22
57
35
7
10
100
f=1MHz
7
5
7
5
3
2
2
3
0.1
1.0
3
25
10
0.1
73
25
7
3
2
7
1.0
f=1MHz
f=1GHz
VCE=5V
f=1GHz
IT01366
IT01365
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
f T -- IC
7
5
7
5
3
2
2
3
10
100
IT01363
VCE=5V
IT01364
10
2
2
3
5
7
7
5
1.0
VCE=5V
1.0
72
23
5
7
23
5
7
10
100
3
2
1.0
57
3
22
57
35
7
10
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com