Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H02BA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC3H02BA
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02BA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC3H02BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC3H02BA
No. A1064-1/5
www.semiconductor-sanyo.com/network
Ordering number : ENA1064B
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
21209 MS IM TC-00001842 / 70908 TI IM TC-00001504 / 42308AB TI IM TC-00001344
SANYO Semiconductors
DATA SHEET
EC3H02BA
NPN Epitaxial Planar Silicon Transistor
VHF to UHF Wide-Band Low-Noise
Amplifier Applications
Features
•
Low noise : NF=1.0dB typ (f=1GHz).
•
High gain :
⏐S21e⏐
2=12dB typ (f=1GHz).
•
High cutoff frequency : fT=7GHz typ.
•
Ultrasmall (1006size), slim (0.5mm) leadless package.
•
Halogen free compliance (UL94 HB).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
70
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=20mA
120
180
Gain-Bandwidth Product
fT1VCE=5V, IC=20mA
5
7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.7
1.2
pF
Reverse Transfer Capacitance
Cre
VCB=10V, f=1MHz
0.45
pF
Continued on next page.
http://semicon.sanyo.com/en/network


Similar Part No. - EC3H02BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H02BA SANYO-EC3H02BA Datasheet
53Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - EC3H02BA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com