Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H02BA Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EC3H02BA
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02BA Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EC3H02BA Datasheet HTML 1Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 2Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 3Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 4Page - Sanyo Semicon Device EC3H02BA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC3H02BA
No. A1064-4/5
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.955
--22.6
3.418
163.3
0.056
76.0
0.975
--10.5
200
0.922
--43.0
3.109
148.7
0.104
63.2
0.921
--19.6
400
0.845
--77.2
2.617
124.8
0.165
44.2
0.794
--32.9
600
0.782
--101.8
2.156
107.7
0.189
31.3
0.694
--41.5
800
0.746
--119.1
1.788
94.2
0.200
23.5
0.630
--47.7
1000
0.734
--131.1
1.498
83.7
0.201
17.7
0.596
--52.2
1200
0.717
--141.2
1.326
74.6
0.198
14.7
0.573
--57.6
1400
0.707
--148.9
1.154
66.6
0.193
12.0
0.559
--61.9
1600
0.708
--155.5
1.029
60.2
0.182
10.7
0.561
--66.1
1800
0.711
--161.6
0.953
54.6
0.171
10.8
0.561
--71.6
2000
0.712
--166.5
0.880
49.3
0.160
13.0
0.569
--76.5
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.818
--47.9
13.330
150.0
0.049
64.3
0.869
--29.8
200
0.739
--83.2
10.545
129.6
0.076
49.6
0.681
--50.0
400
0.661
--122.9
6.688
107.4
0.098
37.8
0.445
--71.3
600
0.627
--142.2
4.726
95.9
0.106
35.4
0.334
--81.7
800
0.616
--153.8
3.653
87.5
0.114
36.3
0.279
--89.2
1000
0.614
--161.8
2.989
80.7
0.122
38.4
0.252
--94.7
1200
0.611
--167.3
2.534
75.1
0.130
40.8
0.238
--99.0
1400
0.607
--172.2
2.207
70.1
0.139
43.1
0.231
--102.8
1600
0.607
--176.6
1.965
65.5
0.149
45.1
0.227
--106.4
1800
0.610
179.8
1.776
61.1
0.159
47.1
0.230
--109.8
2000
0.609
176.9
1.627
57.0
0.171
48.6
0.237
--112.1
VCE=2V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.890
--32.1
9.129
158.3
0.042
72.1
0.938
--17.1
200
0.827
--59.6
7.989
141.0
0.073
57.6
0.824
--30.2
400
0.725
--98.7
5.823
117.5
0.104
41.8
0.618
--45.5
600
0.666
--121.9
4.355
103.4
0.115
34.5
0.496
--52.3
800
0.641
--136.9
3.448
93.1
0.121
32.2
0.429
--56.5
1000
0.631
--147.3
2.854
85.1
0.125
32.0
0.392
--59.9
1200
0.624
--154.9
2.436
78.5
0.128
33.1
0.372
--62.9
1400
0.618
--161.3
2.124
72.8
0.131
35.2
0.360
--66.0
1600
0.616
--166.7
1.894
67.5
0.134
37.6
0.352
--69.1
1800
0.618
--171.4
1.715
62.7
0.139
40.3
0.351
--72.9
2000
0.618
--175.1
1.571
58.1
0.144
43.2
0.357
--76.4
VCE=2V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.715
--60.8
21.486
143.7
0.035
62.1
0.806
--36.1
200
0.643
--98.6
15.499
122.8
0.051
49.2
0.580
--56.8
400
0.589
--135.1
9.112
103.3
0.065
44.8
0.355
--75.8
600
0.570
--151.5
6.296
93.9
0.075
47.3
0.261
--84.5
800
0.564
--161.1
4.816
86.9
0.087
50.9
0.215
--90.9
1000
0.563
--167.7
3.921
81.1
0.098
53.6
0.192
--95.4
1200
0.560
--172.3
3.308
76.3
0.112
56.0
0.181
--99.0
1400
0.558
--176.2
2.867
72.1
0.125
57.7
0.172
--102.6
1600
0.558
180.0
2.550
68.1
0.139
58.8
0.169
--105.3
1800
0.562
176.8
2.293
64.2
0.155
59.5
0.170
--107.8
2000
0.561
174.4
2.092
60.5
0.169
59.8
0.176
--109.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com