Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0F Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45B0F Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
HT45B0F
Rev. 1.00
12
June 7, 2011
Baud Rate Generator
To setup the speed of the serial data communication,
the UART function contains its own dedicated baud rate
generator. The baud rate is controlled by its own internal
free running 8-bit timer, the period of which is deter-
mined by two factors. The first of these is the value
placed in the baud rate register BRG and the second is
the value of the BRGH bit with the control register
UCR2. The BRGH bit decides if the baud rate generator
is to be used in a high speed mode or low speed mode,
which in turn determines the formula that is used to cal-
culate the baud rate. The value N in the BRG register
which is used in the following baud rate calculation for-
mula determines the division factor. Note that N is the
decimal value placed in the BRG register and has a
range of between 0 and 255.
UCR2 BRGH Bit
0
1
Baud Rate (BR)
f
[64 (N + 1)]
CLKI
f
[16 (N + 1)]
CLKI
By programming the BRGH bit which allows selection of
the related formula and programming the required value
in the BRG register, the required baud rate can be setup.
Note that because the actual baud rate is determined
using a discrete value, N, placed in the BRG register,
there will be an error associated between the actual and
requested value. The following example shows how the
BRG register value N and the error value can be calcu-
lated.
· Calculating the baud rate and error values
For a clock frequency of 4MHz, and with BRGH set to
²0² determine the BRG register value N, the actual
baud rate and the error value for a desired baud rate
of 4800.
From the above table the desired baud rate BR =
f
[64 (N + 1)]
CLKI
Re-arranging this equation gives N =
f
(BRx64)
CLKI
- 1
Giving a value for N =
4000000
4800 64
()
x
- 1 = 12.0208
To obtain the closest value, a decimal value of 12 should
be placed into the BRG register. This gives an actual or
calculated baud rate value of BR=
4000000
[64(12 + 1)]
= 4808
Therefore the error is equal to
= 0.16%
4 8 0 8
- 4 8 0 0
4 8 0 0
The following tables show the actual values of baud rate and error values for the two value of BRGH.
Baud
Rate
K/BPS
Baud Rates for BRGH=0
fCLKI=4MHz
fCLKI=3.579545MHz
fCLKI=7.159MHz
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
0.3
207
0.300
0.16
185
0.300
0.00
¾¾¾
1.2
51
1.202
0.16
46
1.190
-0.83
92
1.203
0.23
2.4
25
2.404
0.16
22
2.432
1.32
46
2.380
-0.83
4.8
12
4.808
0.16
11
4.661
-2.90
22
4.863
1.32
9.6
6
8.929
-6.99
5
9.321
-2.90
11
9.322
-2.90
19.2
2
20.833
8.51
2
18.643
-2.90
5
18.643
-2.90
38.4
¾¾¾¾¾¾
2
32.286
-2.90
57.6
0
62.500
8.51
0
55.930
-2.90
1
55.930
-2.90
115.2
¾¾¾¾¾¾
0
111.859
-2.90
Baud Rates and Error Values for BRGH
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com