Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0F Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45B0F Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
SDI
I
Serial I/O data input
SDI is high impedance when SCS = HIGH
SDO
O
Serial I/O data output.
SDO is high impedance when SCS = HIGH
SCK
I
Serial I/O clock input
SCK is high impedance when SCS = HIGH
SCS
I
Serial I/O Chip select input, active low
SCS has an internal pull-high resistor.
CLKI
I
External clock input
INT
O
Interrupt output (CMOS output structure).
Connected to the MCU
¢s external interrupt input
RX
I
UART RX Pin
If UARTEN = 1 and RXEN = 1, then RX is the UART serial data input
If UARTEN=0or RXEN = 0, then RX is high impedance
TX
O
UART TX Pin
If UARTEN = 1 and TXEN = 1, then TX is the UART serial data output
If UARTEN=0or TXEN = 0, then TX is high impedance
VDD
¾ Positive power supply
VSS
¾ Negative power supply, ground
NC
¾ No connection
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ..........................
-50°C to +150°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature.........................
-40°Cto+85°C
IOL Total ................................................................35mA
IOH Total..............................................................
-35mA
Total Power Dissipation .....................................135mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT45B0F
Rev. 1.00
2
June 7, 2011
S D I
S D O
S C K
S C S
C L K I
I N T
N C
N C
H T 4 5 B 0 F
1 6 N S O P - A
N C
N C
N C
N C
T X
R X
V D D
V S S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com