Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0F Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45B0F Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0F Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HT45B0F
Rev. 1.00
13
June 7, 2011
Baud
Rate
K/BPS
Baud Rates for BRGH=1
fCLKI=4MHz
fCLKI=3.579545MHz
fCLKI=7.159MHz
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
0.3
¾¾¾¾¾¾¾¾¾
1.2
207
1.202
0.16
185
1.203
0.23
¾¾¾
2.4
103
2.404
0.16
92
2.406
0.23
185
2.406
0.23
4.8
51
4.808
0.16
46
4.76
-0.83
92
4.811
0.23
9.6
25
9.615
0.16
22
9.727
1.32
46
9.520
-0.83
19.2
12
19.231
0.16
11
18.643
-2.90
22
19.454
1.32
38.4
6
35.714
-6.99
5
37.286
-2.90
11
37.286
-2.90
57.6
3
62.5
8.51
3
55.930
-2.90
7
55.930
-2.90
115.2
1
125
8.51
1
111.86
-2.90
3
111.86
-2.90
250
0
250
0
¾¾¾¾¾¾
Baud Rates and Error Values for BRGH
= 1
· BRG Register
Bit
76543210
Name
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
xxxxxxxx
²x²: unknown
Bit 7~0
BRG7~BRG0: Baud Rate values
By programming the BRGH bit in UCR2 Register which allows selection of the related formula
described above and programming the required value in the BRG register, the required baud rate
can be setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com